전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3658 데이터시트(PDF) 9 Page - ams AG

부품명 AS3658
상세설명  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3658 데이터시트(HTML) 9 Page - ams AG

Back Button AS3658 Datasheet HTML 5Page - ams AG AS3658 Datasheet HTML 6Page - ams AG AS3658 Datasheet HTML 7Page - ams AG AS3658 Datasheet HTML 8Page - ams AG AS3658 Datasheet HTML 9Page - ams AG AS3658 Datasheet HTML 10Page - ams AG AS3658 Datasheet HTML 11Page - ams AG AS3658 Datasheet HTML 12Page - ams AG AS3658 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
8 - 157
AS3658
Data Sheet Confidential - Pin Assignmen ts
Internal Refs
VSUPPLY_5
N3
P
Supply for voltage Measurement, always connect to
VSUPPLY
V_BAT
M13
P
VBAT
Battery supply for Reference blocks.
RPROGRAM
L9
A
V2_5
Select register setup at startup.
V2_5
N12
P
Internal regulator analogue output
CREF
L10
A
V2_5
Reference voltage bypass capacitor connection
RBIAS
L14
A
V2_5
Internal Bias Reference Resistor (connect 220k
Ω resistor)
GND_SENSE
L13
P
VSSA
GND reference for analog blocks (connect to GND plane
separate)
ADC_IN1
N8
A
V2_5
Analog input1 for ADC10
ADC_IN2
N9
A
V2_5
Analog input2 for ADC10
VBACK
M14
A
Backup battery connection
Current Sinks
CURR1_GPIO1
N5
A
VCURR_
GPIO
Current sink 1, or GPIO1
CURR2_GPIO2
P6
A
VCURR_
GPIO
Current sink 2, or GPIO2
CURR3_GPIO3
N6
A
VCURR_
GPIO
Current sink 3, or GPIO3
CURR4_GPIO4
L5
A
VCURR_
GPIO
Current sink 4, or GPIO4
DCDC_CURR1
L6
A
VCURR_
GPIO
Step up DC/DC converter2 current source 1
DCDC_CURR2
N7
A
VCURR_
GPIO
Step up DC/DC converter2 current source 2
DCDC_CURR3
L7
A
VCURR_
GPIO
Step up DC/DC converter2 current source 3
VCURR_GPIO
P4
A
Supply voltage of GPIOs and current sinks
VSS_CURR_GPIO
P5
A
VCURR_
GPIO
Ground pad of Current sink / GPIO pads
General Purpose DC/DC Step up Converter 1 and 2
VSUPPLY_4
E1
P
Supply for DCDC step up and control interface, always
connect to VSUPPLY
DCDC_FB1
H4
A
VSUPPLY Step up DC/DC converter1 feedback input
DCDC_GATE1
F2
A
VSUPPLY Step up DC/DC converter1 control for external mosfet
DCDC_SENSE_P1
D1
A
VSUPPLY
Step up DC/DC converter1 external shunt resistor positive
connection
DCDC_SENSE_P2
G6
A
VSUPPLY
Step up DC/DC converter2 external shunt resistor positive
connection
DCDC_SENSE_N1
E2
A
VSUPPLY
Step up DC/DC converter1 external shunt resistor negative
connection
DCDC_SENSE_N2
G4
A
VSUPPLY
Step up DC/DC converter2 external shunt resistor negative
connection
Table 2. Pin list CTBGA124, 8x8MM (AS3658)
Pin Name
Pin
Number
Pin
Type
Supply
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More