| 전자부품 데이터시트 검색엔진 |
|
AS3665 데이터시트(PDF) 60 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3665 데이터시트(HTML) 60 Page - ams AG |
|
60 / 78 page ![]() www.austriamicrosystems.com Revision 1.0.2 59 - 77 AS3665 Datasheet, Confidential - Prog ramming S equen ce r C o mmands Table 92. jge (jump >=) Command jge (jump >=) Command Name Bits Bitname Parameter Description jge (jump >=) Compiler syntax: JGE, instructions skipped, variable 1, variable 2; D15:D9 1000101b D8:D4 instructions skipped 0-31 defines the number of instructions skipped, if variable1 >= variable2 PC = PC + ‘instructions skipped’ D3:D2 variable 1 0 variable1 = ra 1 variable1 = rb 2 variable1 = rc 3 variable1 = rd D1:D0 variable 2 0 variable2 = ra 1 variable2 = rb 2 variable2 = rc 3 variable2 = rd Table 93. jl (jump <) Command jl (jump <) Command Name Bits Bitname Parameter Description jl (jump <) Compiler syntax: JL, instructions skipped, variable 1, variable 2 D15:D9 1000110b D8:D4 instructions skipped 0-31 defines the number of instructions skipped, if variable1 < variable2 PC = PC + ‘instructions skipped’ D3:D2 variable 1 0 variable1 = ra 1 variable1 = rb 2 variable1 = rc 3 variable1 = rd D1:D0 variable 2 0 variable2 = ra 1 variable2 = rb 2 variable2 = rc 3 variable2 = rd |