| 전자부품 데이터시트 검색엔진 |
|
AS3658D-BCTP 데이터시트(PDF) 88 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658D-BCTP 데이터시트(HTML) 88 Page - ams AG |
|
88 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 87 - 157 AS3658 Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons 9 Detailed Description- Audio Functions The audio functions consist of all the audio features of AS3658 as shown in the following block diagram: Figure 35. AS3658 Audio Functions 9.1 Audio Paths Following Audio paths are possible (only one configuration is possible at the same time): Figure 36. AS3658 I2S I/O 1 or I2S I/O2 Playback Note: As the touch screen interface is merged with I2S Output 3 and SPDIF Output 4 either the touch screen interface or I2S Output 3 and SPDIF Output 4 can be used at the same time. |