전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS3677 데이터시트(PDF) 20 Page - ams AG

부품명 AS3677
상세설명  Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS3677 데이터시트(HTML) 20 Page - ams AG

Back Button AS3677 Datasheet HTML 16Page - ams AG AS3677 Datasheet HTML 17Page - ams AG AS3677 Datasheet HTML 18Page - ams AG AS3677 Datasheet HTML 19Page - ams AG AS3677 Datasheet HTML 20Page - ams AG AS3677 Datasheet HTML 21Page - ams AG AS3677 Datasheet HTML 22Page - ams AG AS3677 Datasheet HTML 23Page - ams AG AS3677 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
www.austriamicrosystems.com/AS3677
1v3-1
19 - 67
AS3677
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 15. Internal processing of the different signals
8.4.1 Unused Current Sinks
Unused current sinks can be left open or used as ADC inputs (see Analog-to-Digital Converter on page 50).
 

 
 
 




 
 
  


  !"
 !
 #$"!%
 

&'
 #!
(
%)#!
%
 


! !
* +



,-  . "$ "$ "$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68