| 전자부품 데이터시트 검색엔진 |
|
MAX1658C/D 데이터시트(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX1658C/D 데이터시트(HTML) 3 Page - Maxim Integrated Products |
|
3 / 12 page ![]() 350mA, 16.5V Input, Low-Dropout Linear Regulators _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VIN = 5V (MAX1658), VIN = 6V (MAX1659); COUT = 10µF; SHDN = IN; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) Note 2: Specifications to -40°C are guaranteed by design, not production tested. Note 3: Adjustable configuration only. VIN = 16.5V. Note 4: The dropout voltage is defined as (VIN - VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT + 2V. TA = +85°C (Note 3) TA = +25°C (Note 3) IOUT = 10µA (Note 3) CONDITIONS µA 0.1 ISET SET Input Leakage Current 0.01 0.025 V 1.174 1.210 1.246 VSET SET Reference Voltage UNITS MIN TYP MAX SYMBOL PARAMETER °C 165 TSD Thermal Shutdown Temperature °C 10 ∆TSD Thermal Shutdown Hysteresis __________________________________________Typical Operating Characteristics (VIN = 5V (MAX1658), VIN = 6V (MAX1659); SHDN = IN; SET = GND; CIN = 0.1µF; COUT = 10µF tantalum; TA = +25°C; unless otherwise noted.) -10 -90 10 1000 10k 100 100k MAX1658 POWER-SUPPLY REJECTION RATIO vs. FREQUENCY -70 -80 FREQUENCY (Hz) -60 -40 -50 -30 -20 VIN = 5.2V TO 5.4V VOUT = 3.3V -8 -72 10 1000 10k 100 100k MAX1659 POWER-SUPPLY REJECTION RATIO vs. FREQUENCY -56 -64 FREQUENCY (Hz) -48 -32 -40 -24 -16 VIN = 6.15V TO 6.4V VOUT = 5V SET INPUT THERMAL PROTECTION |