전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5030 데이터시트(PDF) 3 Page - ams AG

부품명 AS5030
상세설명  8-Bit Programmable High Speed Magnetic Rotary Encoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5030 데이터시트(HTML) 3 Page - ams AG

  AS5030_07 Datasheet HTML 1Page - ams AG AS5030_07 Datasheet HTML 2Page - ams AG AS5030_07 Datasheet HTML 3Page - ams AG AS5030_07 Datasheet HTML 4Page - ams AG AS5030_07 Datasheet HTML 5Page - ams AG AS5030_07 Datasheet HTML 6Page - ams AG AS5030_07 Datasheet HTML 7Page - ams AG AS5030_07 Datasheet HTML 8Page - ams AG AS5030_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
www.ams.com/AS5030
Revision 2.4
3 - 44
AS5030
Datasheet - Contents
8.5 AS5030 Status Indicators................................................................................................................................................................... 27
8.5.1 C2 Status Bit.............................................................................................................................................................................. 27
8.5.2 Lock Status Bit........................................................................................................................................................................... 27
8.5.3 Magnetic Field Strength Indicators ............................................................................................................................................ 28
8.5.4 “Push-button” Feature................................................................................................................................................................ 28
8.6 High Speed Operation........................................................................................................................................................................ 29
8.6.1 Propagation Delay ..................................................................................................................................................................... 29
8.6.2 Total Propagation Delay of the AS5030 ................................................................................................................................... 30
8.7 Reduced Power Modes ...................................................................................................................................................................... 30
8.7.1 Low Power Mode and Ultra-low Power Mode............................................................................................................................ 31
8.7.2 Power Cycling Mode.................................................................................................................................................................. 33
8.8 Accuracy of the Encoder System ....................................................................................................................................................... 34
8.8.1 Quantization Error...................................................................................................................................................................... 34
8.8.2 Vertical Distance of the Magnet................................................................................................................................................. 35
8.9 Choosing the Proper Magnet.............................................................................................................................................................. 36
8.9.1 Magnet Placement..................................................................................................................................................................... 37
8.9.2 Lateral Displacement of the Magnet .......................................................................................................................................... 38
8.9.3 Magnet Size............................................................................................................................................................................... 39
8.10 Physical Placement of the Magnet ................................................................................................................................................... 40
9 Package Drawings and Markings ...........................................................................................................................................
41
9.1 Recommended PCB Footprint............................................................................................................................................................ 42
10 Ordering Information.............................................................................................................................................................
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44