| 전자부품 데이터시트 검색엔진 |
|
OP11EPZ 데이터시트(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP11EPZ 데이터시트(HTML) 3 Page - Analog Devices |
|
3 / 12 page ![]() OP11 Rev. B | Page 3 of 12 SPECIFICATIONS ELECTRICAL CHARACTERISTICS VS = ±15 V, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit Input Offset Voltage VOS RS ≤ 10 kΩ 0.3 0.5 mV Input Offset Current IOS 5.5 20 nA Input Bias Current IB 180 300 nA Input Resistance Differential Mode1 RIN 0.17 0.29 MΩ Input Voltage Range IVR ±12 ±13 V Common-Mode Rejection Ratio CMRR VCM = ±12 V, RS ≤ 10 kΩ 100 120 dB Power Supply Rejection Ratio PSRR VS = ±5 V to ±15 V, RS ≤ 10 kΩ 4 32 μV/V Output Voltage Swing VO RL = 2 kΩ ±11 ±13 V Large Signal Voltage Gain AVO RL ≤ 2 kΩ, VO = ±10 V 100 650 V/mV Power Consumption2 Pd VO = 0 V 105 180 mW Input Noise Voltage en p-p 0.1 Hz to 10 Hz 0.7 μV p-p Input Noise Voltage Density en fO = 10 Hz 18 nV/√Hz fO = 100 Hz 14 nV/√Hz fO = 1 kHz 12 nV/√Hz Input Noise Current In p-p 0.1 Hz to 10 Hz 17 pA p-p Input Noise Current Density In fO = 10 Hz 1.8 pA/√Hz fO = 100 Hz 1.5 pA/√Hz fO = 1 kHz 1.2 pA/√Hz Channel Separation CS 100 130 dB Slew Rate3 SR 0.7 1.0 V/μs Large Signal Bandwidth3 VO = 20 V p-p 11 16 kHz Closed-Loop Bandwidth4 BW AVCL = 1 2.4 3.0 MHz Rise Time3 tf AV = 1, VIN = 50 mV 110 145 ns Overshoot3 OS 15 25 % 1 Guaranteed by input bias current. 2 Total dissipation for all four amplifiers in package. 3 Sample tested. 4 Guaranteed by rise time. |