| 전자부품 데이터시트 검색엔진 |
|
CD74ACT241M 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74ACT241M 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 17 page ![]() Data sheet acquired from Harris Semiconductor SCHS287B − Revised January 2004 This data sheet is applicable to the CD54/74AC240, CD54ACT240, and CD54/74ACT241. The CD54/74AC241 were not acquired from Harris Semiconductor. See SCHS244 for information on the CD74ACT240, CD74AC244, and CD74ACT244. The CD74AC240 and CD74ACT240 are supplied in 20-lead dual-in-line plastic packages (E suffix) and 20-lead small-outline packages (M and M96 suffixes). The CD74AC241 is supplied in 20-lead dual-in-line plastic packages (E suffix) and the CD74ACT241 is supplied in 20-lead dual-in-line plastic packages (E suffix) and 20-lead small-outline packages (M96 suffix). The CD74AC244 and CD74ACT244 are supplied in 20-lead dual-in-line plastic packages (E suffix), 20-lead small-outline packages (M and M96 suffixes), and 20-lead shrink small-outline packages (SM96 suffix). These package types are operable over the following temperature ranges: Commerical (0 to 70 5C); Industrial (−40 to +85 5C); and Extended Industrial/Military (−55 to + 1255C). The CD54AC240 and CD54AC244 and the CD54ACT240, CD54ACT241, and CD54ACT244 are supplied in 20-lead hermetic dual-in-line ceramic packages (F3A suffix) and are operable over the −55 to +125 5C temperature range. The RCA CD54/74AC240, CD54/74AC241, and CD54/74AC244 and the CD54/74ACT240, CD54/74ACT241, and CD54/74ACT244 3-state octal buffer/line drivers use the RCA ADVANCED CMOS technology. The CD54/74AC/ACT240 and CD54/74AC/ACT244 have active-LOW output enables (1OE, 2OE). The CD54/74AC/ACT241 has one active-LOW (1OE) and one active-HIGH (2OE) output enable. Copyright 2004, Texas Instruments Incorporated |
유사한 부품 번호 - CD74ACT241M |
|
유사한 설명 - CD74ACT241M |