전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74ACT157EE4 데이터시트(PDF) 16 Page - Texas Instruments

부품명 CD74ACT157EE4
상세설명  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157EE4 데이터시트(HTML) 16 Page - Texas Instruments

Back Button CD74ACT157EE4 Datasheet HTML 12Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 13Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 14Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 15Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 16Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 17Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 18Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 19Page - Texas Instruments CD74ACT157EE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74ACT157M96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD74ACT157PWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23