전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC1202 데이터시트(PDF) 49 Page - Texas Instruments

부품명 MSC1202
상세설명  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MSC1202 데이터시트(HTML) 49 Page - Texas Instruments

Back Button MSC1202 Datasheet HTML 45Page - Texas Instruments MSC1202 Datasheet HTML 46Page - Texas Instruments MSC1202 Datasheet HTML 47Page - Texas Instruments MSC1202 Datasheet HTML 48Page - Texas Instruments MSC1202 Datasheet HTML 49Page - Texas Instruments MSC1202 Datasheet HTML 50Page - Texas Instruments MSC1202 Datasheet HTML 51Page - Texas Instruments MSC1202 Datasheet HTML 52Page - Texas Instruments MSC1202 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
49
Timer Mode Control (TMOD)
7
6
5
4
3
2
1
0
Reset Value
SFR 89h
TIMER 1
TIMER 0
00h
SFR 89h
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00h
GATE
Timer 1 Gate Control. This bit enables/disables the ability of Timer 1 to increment.
bit 7
0: Timer 1 will clock when TR1 = 1, regardless of the state of pin INT1.
1: Timer 1 will clock only when TR1 = 1 and pin INT1 = 1.
C/T
Timer 1 Counter/Timer Select.
bit 6
0: Timer is incremented by internal clocks.
1: Timer is incremented by pulses on T1 pin when TR1 (TCON.6, SFR 88h) is 1.
M1, M0
Timer 1 Mode Select. These bits select the operating mode of Timer 1.
bits 5−4
M1
M0
MODE
0
0
Mode 0: 8-bit counter with 5-bit prescale.
0
1
Mode 1: 16 bits.
1
0
Mode 2: 8-bit counter with auto reload.
1
1
Mode 3: Timer 1 is halted, but holds its count.
GATE
Timer 0 Gate Control. This bit enables/disables the ability of Timer 0 to increment.
bit 3
0: Timer 0 will clock when TR0 = 1, regardless of the state of pin INT0 (software control).
1: Timer 0 will clock only when TR0 = 1 and pin INT0 = 1 (hardware control).
C/T
Timer 0 Counter/Timer Select.
bit 2
0: Timer is incremented by internal clocks.
1: Timer is incremented by pulses on pin T0 when TR0 (TCON.4, SFR 88h) is 1.
M1, M0
Timer 0 Mode Select. These bits select the operating mode of Timer 0.
bits 1−0
M1
M0
MODE
0
0
Mode 0: 8-bit counter with 5-bit prescale.
0
1
Mode 1: 16 bits.
1
0
Mode 2: 8-bit counter with auto reload.
1
1
Mode 3: Two 8-bit counters.
Timer 0 LSB (TL0)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Ah
TL0.7
TL0.6
TL0.5
TL0.4
TL0.3
TL0.2
TL0.1
TL0.0
00h
TL0.7−0
Timer 0 LSB. This register contains the least significant byte of Timer 0.
bits 7−0
Timer 1 LSB (TL1)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Bh
TL1.7
TL1.6
TL1.5
TL1.4
TL1.3
TL1.2
TL1.1
TL1.0
00h
TL1.7−0
Timer 1 LSB. This register contains the least significant byte of Timer 1.
bits 7−0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com