| 전자부품 데이터시트 검색엔진 |
|
PCF8575DBR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCF8575DBR 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 32 page ![]() www.ti.com FEATURES DB, DBQ, DGV, DW, OR PW PACKAGE (TOP VIEW) INT A1 A2 P00 P01 P02 P03 P04 P05 P06 P07 GND VCC SDA SCL A0 P17 P16 P15 P14 P13 P12 P11 P10 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 24 23 22 21 20 7 8 9 10 11 1 2 3 4 5 6 18 17 16 15 14 13 RGE PACKAGE (TOP VIEW) 19 12 P00 P01 P03 P03 P04 P05 A0 P17 P16 P15 P14 P13 DESCRIPTION/ORDERING INFORMATION PCF8575 REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT SCPS121D – JANUARY 2005 – REVISED APRIL 2007 • Low Standby-Current Consumption of Capability for Directly Driving LEDs 10 µA Max • Current Source to V CC for Actively Driving a • I2C to Parallel-Port Expander High at the Output • Open-Drain Interrupt Output • Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II • Compatible With Most Microcontrollers • ESD Protection Exceeds JESD 22 • 400-kHz Fast I2C Bus – 2000-V Human-Body Model (A114-A) • Address by Three Hardware Address Pins for Use of up to Eight Devices – 200-V Machine Model (A115-A) • Latched Outputs With High-Current Drive – 1000-V Charged-Device Model (C101) This 16-bit I/O expander for the two-line bidirectional bus (I2C) is designed for 2.5-V to 5.5-V VCC operation. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING SSOP – DB Reel of 2000 PCF8575DBR PF575 QSOP – DBQ Reel of 2500 PCF8575DBQR PCF8575 TVSOP – DGV Reel of 2000 PCF8575DGVR PF575 Tube of 25 PCF8575DW –40 °C to 85°C SOIC – DW PCF8575 Reel of 2000 PCF8575DWR Tube of 60 PCF8575PW TSSOP – PW PF575 Reel of 1200 PCF8575PWR QFN – RGE Reel of 3000 PCF8575RGER PF575 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - PCF8575DBR |
|
유사한 설명 - PCF8575DBR |