| 전자부품 데이터시트 검색엔진 |
|
PCF8575DBQRG4 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCF8575DBQRG4 데이터시트(HTML) 8 Page - Texas Instruments |
|
8 / 32 page ![]() www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions PCF8575 REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT SCPS121D – JANUARY 2005 – REVISED APRIL 2007 Address Reference INPUTS I2C BUS SLAVE ADDRESS A2 A1 A0 L L L 32 (decimal), 20 (hexadecimal) L L H 33 (decimal), 21 (hexadecimal) L H L 34 (decimal), 22 (hexadecimal) L H H 35 (decimal), 23 (hexadecimal) H L L 36 (decimal), 24 (hexadecimal) H L H 37 (decimal), 25 (hexadecimal) H H L 38 (decimal), 26 (hexadecimal) H H H 39 (decimal), 27 (hexadecimal) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range(2) –0.5 VCC + 0.5 V VO Output voltage range(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –20 mA IOK Output clamp current VO < 0 –20 mA IOK Input/output clamp current VO < 0 or VO > VCC –20 mA IOL Continuous output low current VO = 0 to VCC 50 mA IOH Continuous output high current VO = 0 to VCC –4 mA Continuous current through VCC or GND ±100 mA DB package 63 DBQ package 61 DGV package 86 θ JA Package thermal impedance(3) °C/W DW package 46 PW package 88 RGE package 53 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VCC Supply voltage 2.5 5.5 V VIH High-level input voltage 0.7 × V CC VCC + 0.5 V VIL Low-level input voltage –0.5 0.3 × V CC V IOH P-port high-level output current –1 mA IOHT P-port transient pullup current –10 mA IOL P-port low-level output current 25 mA TA Operating free-air temperature –40 85 °C 8 Submit Documentation Feedback |