전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5048A-HTSP 데이터시트(PDF) 18 Page - ams AG

부품명 AS5048A-HTSP
상세설명  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5048A-HTSP 데이터시트(HTML) 18 Page - ams AG

Back Button AS5048A-HTSP Datasheet HTML 14Page - ams AG AS5048A-HTSP Datasheet HTML 15Page - ams AG AS5048A-HTSP Datasheet HTML 16Page - ams AG AS5048A-HTSP Datasheet HTML 17Page - ams AG AS5048A-HTSP Datasheet HTML 18Page - ams AG AS5048A-HTSP Datasheet HTML 19Page - ams AG AS5048A-HTSP Datasheet HTML 20Page - ams AG AS5048A-HTSP Datasheet HTML 21Page - ams AG AS5048A-HTSP Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 17 of 2 9
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
CLEAR ERROR FLAG Command
The CLEAR ERROR FLAG command is implemented as READ command. This command clears the ERROR FLAG which is
contained in every READ frame. Before the ERROR FLAG is cleared the error register content comes back with the information
which error type was occurred. On the next new READ register the ERROR FLAG is cleared
Figure 11 CLEAR ERROR FLAG Com mand
The package necessary to perform a CLEAR ERROR FLAG is built up as follows.
CLEAR ERROR FLAG Command
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
PAR
1
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 12 Clear Error Flag Comm and
Possible conditions which force the ERROR FLAG to be set:
wrong parity
wrong number of clocks (no full transmission cycle or too many clocks)
Note: If the error flag is set to high because of a communication problem the flag remains set until it will be cleared by the
CLERAR ERROR FLAG command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30