| 전자부품 데이터시트 검색엔진 |
|
AS5162 데이터시트(PDF) 34 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5162 데이터시트(HTML) 34 Page - ams AG |
|
34 / 37 page ![]() AS5162 Datasheet - Pack a ge Drawin gs and Ma r k ings www.ams.com Revision 1.3 33 - 36 Figure 22. Vertical Cross Section of SOIC-8 Notes: 1. All dimensions in mm. 2. Die thickness 356 μm nom. 3. Adhesive thickness 20 ± 10 μm. 4. Lead frame downest 200 ± 25 μm. 5. Lead frame thickness 200 ± 8 μm. |