전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5145H-HSST 데이터시트(PDF) 24 Page - ams AG

부품명 AS5145H-HSST
상세설명  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5145H-HSST 데이터시트(HTML) 24 Page - ams AG

Back Button AS5145H-HSST Datasheet HTML 20Page - ams AG AS5145H-HSST Datasheet HTML 21Page - ams AG AS5145H-HSST Datasheet HTML 22Page - ams AG AS5145H-HSST Datasheet HTML 23Page - ams AG AS5145H-HSST Datasheet HTML 24Page - ams AG AS5145H-HSST Datasheet HTML 25Page - ams AG AS5145H-HSST Datasheet HTML 26Page - ams AG AS5145H-HSST Datasheet HTML 27Page - ams AG AS5145H-HSST Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
24 - 36
AS5145
Datasheet - Application In form atio n
9.3 3.3V / 5V Operation
The AS5145 operates either at 3.3V ±10% or at 5V ±10%. This is made possible by an internal 3.3V Low-Dropout (LDO) Voltage regulator. The
internal supply voltage is always taken from the output of the LDO, meaning that the internal blocks are always operating at 3.3V.
For 3.3V operation, the LDO must be bypassed by connecting VDD3V3 with VDD5V (see Figure 17).
For 5V operation, the 5V supply is connected to pin VDD5V, while VDD3V3 (LDO output) must be buffered by a 1...10µF capacitor, which is
supposed to be placed close to the supply pin (see Figure 17) with recommended 2.2µF).
Note:
The VDD3V3 output is intended for internal use only It must not be loaded with an external load.
The output voltage of the digital interface I/O’s corresponds to the voltage at pin VDD5V, as the I/O buffers are supplied from this pin.
Figure 17. Connections for 5V / 3.3V Supply Voltages
A buffer capacitor of 100nF is recommended in both cases close to pin VDD 5V. Note that pin VDD 3V3 must always be buffered by a capacitor.
It must not be left floating, as this may cause an instable internal 3.3V supply voltage which can lead to larger than normal jitter of the measured
angle.
9.4 Selecting Proper Magnet
Typically the magnet is 6mm in diameter and 2.5mm in height. Magnetic materials such as rare earth AlNiCo/SmCo5 or NdFeB are
recommended. The magnetic field strength perpendicular to the die surface has to be in the range of ±45mT…±75mT (peak).
The magnet’s field strength is verified using a gauss-meter. The magnetic field Bv at a given distance, along a concentric circle with a radius of
1.1mm (R1) is in the range of ±45mT…±75mT(see Figure 18).
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
100nF
4.5 - 5.5V
+
2.2 ... 10µF
DO
PWM
CLK
CSn
PDIO
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
3.0 - 3.6V
+
DO
PWM
CLK
CSn
PDIO
100nF
5V Operation
3.3V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com