전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCS3472 데이터시트(PDF) 13 Page - ams AG

부품명 TCS3472
상세설명  COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TCS3472 데이터시트(HTML) 13 Page - ams AG

Back Button TCS3472 Datasheet HTML 9Page - ams AG TCS3472 Datasheet HTML 10Page - ams AG TCS3472 Datasheet HTML 11Page - ams AG TCS3472 Datasheet HTML 12Page - ams AG TCS3472 Datasheet HTML 13Page - ams AG TCS3472 Datasheet HTML 14Page - ams AG TCS3472 Datasheet HTML 15Page - ams AG TCS3472 Datasheet HTML 16Page - ams AG TCS3472 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TCS3472
COLOR LIGHT-TO-DIGITAL CONVERTER
with IR FILTER
TAOS135 − AUGUST 2012
12
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
I2C Protocol
Interface and control are accomplished through an I2C serial compatible interface (standard or fast mode) to
a set of registers that provide access to device control functions and output data. The devices support the 7-bit
I2C addressing protocol.
The I2C standard provides for three types of bus transaction: read, write, and a combined protocol (Figure 10).
During a write operation, the first byte written is a command byte followed by data. In a combined protocol, the
first byte written is the command byte followed by reading a series of bytes. If a read command is issued, the
register address from the previous command will be used for data access. Likewise, if the MSB of the command
is not set, the device will write a series of bytes at the address stored in the last valid command with a register
address. The command byte contains either control information or a 5-bit register address. The control
commands can also be used to clear interrupts.
The I2C bus protocol was developed by Philips (now NXP). For a complete description of the I2C protocol, please
review the NXP I2C design specification at http://www.i2c−bus.org/references/.
A
Acknowledge (0)
N
Not Acknowledged (1)
P
Stop Condition
R
Read (1)
S
Start Condition
Sr
Repeated Start Condition
W
Write (0)
...
Continuation of protocol
Master-to-Slave
Slave-to-Master
W
7
Data Byte
Slave Address
S
1
AA
A
8
11
1
8
Command Code
1
P
1
...
I2C Write Protocol
I2C Read Protocol
I2C Read Protocol — Combined Format
R
7
Data
Slave Address
S
1
AA
A
8
11
1
8
Data
1
P
1
...
W
7
Slave Address
Slave Address
S
1
AR
A
8
11
1
7
1
1
Command Code
Sr
1
A
Data
A
A
81
8
Data
1
P
1
...
Figure 10. I2C Protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com