전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL2563 데이터시트(PDF) 5 Page - ams AG

부품명 TSL2563
상세설명  LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TSL2563 데이터시트(HTML) 5 Page - ams AG

  TSL2563 Datasheet HTML 1Page - ams AG TSL2563 Datasheet HTML 2Page - ams AG TSL2563 Datasheet HTML 3Page - ams AG TSL2563 Datasheet HTML 4Page - ams AG TSL2563 Datasheet HTML 5Page - ams AG TSL2563 Datasheet HTML 6Page - ams AG TSL2563 Datasheet HTML 7Page - ams AG TSL2563 Datasheet HTML 8Page - ams AG TSL2563 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
TSL2562, TSL2563
LOW-VOLTAGE
LIGHT-TO-DIGITAL CONVERTER
TAOS066N − AUGUST 2010
4
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Operating Characteristics, High Gain (16
), VDD = 2.5 V, TA = 255C, (unless otherwise noted) (see
Notes 2, 3, 4, 5)
PARAMETER
TEST CONDITIONS
CHANNEL
TSL2562T, FN, & CL
TSL2563T, FN, & CL
TSL2562CS, TSL2563CS
UNIT
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fosc
Oscillator frequency
690
735
780
690
735
780
kHz
Dark ADC count value
E
0T
402 ms
Ch0
0
4
0
4
counts
Dark ADC count value
Ee = 0, Tint = 402 ms
Ch1
0
4
0
4
counts
T
178 ms
Ch0
65535
65535
Tint > 178 ms
Ch1
65535
65535
Full scale ADC count
T
101 ms
Ch0
37177
37177
counts
Full scale ADC count
value (Note 6)
Tint = 101 ms
Ch1
37177
37177
counts
T
13 7 ms
Ch0
5047
5047
Tint = 13.7 ms
Ch1
5047
5047
λp = 640 nm, Tint = 101 ms
Ch0
750
1000
1250
λp = 640 nm, Tint = 101 ms
Ee = 36.3 μW/cm2
Ch1
200
counts
λp = 940 nm, Tint = 101 ms
Ch0
700
1000
1300
counts
ADC count value
λp = 940 nm, Tint = 101 ms
Ee = 119 μW/cm2
Ch1
820
ADC count value
λp = 640 nm, Tint = 101 ms
Ch0
750
1000
1250
λp = 640 nm, Tint = 101 ms
Ee = 41 μW/cm2
Ch1
190
counts
λp = 940 nm, Tint = 101 ms
Ch0
700
1000
1300
counts
λp = 940 nm, Tint = 101 ms
Ee = 135 μW/cm2
Ch1
850
ADC
t
l
ti
λ
640 nm T
101 ms
015
020
025
014
019
024
ADC count value ratio:
λp = 640 nm, Tint = 101 ms
0.15
0.20
0.25
0.14
0.19
0.24
ADC count value ratio:
Ch1/Ch0
λ
940 nm T
101 ms
069
082
095
070
085
1
Ch1/Ch0
λp = 940 nm, Tint = 101 ms
0.69
0.82
0.95
0.70
0.85
1
λ
640 nm T
101 ms
Ch0
27.5
24.4
R
Irradiance responsivity
λp = 640 nm, Tint = 101 ms
Ch1
5.5
4.6
counts/
(
μW/
Re
Irradiance responsivity
λ
940 nm T
101 ms
Ch0
8.4
7.4
(
μW/
cm2)
λp = 940 nm, Tint = 101 ms
Ch1
6.9
6.3
cm2)
Fluorescent light source:
Ch0
36
35
R
Illuminance responsivity
Fluorescent light source:
Tint = 402 ms
Ch1
4
3.8
counts/
Rv
Illuminance responsivity
Incandescent light source:
Ch0
144
129
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
72
67
ADC count value ratio:
Fluorescent light source:
Tint = 402 ms
0.11
0.11
ADC count value ratio:
Ch1/Ch0
Incandescent light source:
05
052
Ch1/Ch0
Incandescent light source:
Tint = 402 ms
0.5
0.52
Fluorescent light source:
Ch0
2.3
2.2
R
Illuminance responsivity,
Fluorescent light source:
Tint = 402 ms
Ch1
0.25
0.24
counts/
Rv
Illuminance responsivity,
low gain mode (Note 7)
Incandescent light source:
Ch0
9
8.1
counts/
lux
Incandescent light source:
Tint = 402 ms
Ch1
4.5
4.2
(Sensor Lux) /
(actual Lux) high gain
Fluorescent light source:
Tint = 402 ms
0.65
1
1.35
0.65
1
1.35
(actual Lux), high gain
mode (Note 8)
Incandescent light source:
Tint = 402 ms
0.60
1
1.40
0.60
1
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com