전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL2572 데이터시트(PDF) 16 Page - ams AG

부품명 TSL2572
상세설명  LIGHT-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TSL2572 데이터시트(HTML) 16 Page - ams AG

Back Button TSL2572 Datasheet HTML 12Page - ams AG TSL2572 Datasheet HTML 13Page - ams AG TSL2572 Datasheet HTML 14Page - ams AG TSL2572 Datasheet HTML 15Page - ams AG TSL2572 Datasheet HTML 16Page - ams AG TSL2572 Datasheet HTML 17Page - ams AG TSL2572 Datasheet HTML 18Page - ams AG TSL2572 Datasheet HTML 19Page - ams AG TSL2572 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
ALS Interrupt Threshold Registers (0x04 − 0x07)
The ALS interrupt threshold registers provides the values to be used as the high and low trigger points for the
comparison function for interrupt generation. If C0DATA crosses below the low threshold specified, or above
the higher threshold, an interrupt is asserted on the interrupt pin.
Table 6. ALS Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
AILTL
0x04
7:0
ALS low threshold lower byte
AILTH
0x05
7:0
ALS low threshold upper byte
AIHTL
0x06
7:0
ALS high threshold lower byte
AIHTH
0x07
7:0
ALS high threshold upper byte
Persistence Filter Register (0x0C)
The persistence filter register controls the interrupt capabilities of the device. Configurable filtering is provided
to allow interrupts to be generated after every ADC cycle or if the ADC cycle has produced a result that is outside
of the values specified by threshold register for some specified amount of time. ALS interrupts are generated
using C0DATA.
Table 7. Persistence Filter Register
6
75
4
APERS
2
31
0
PERS
Reserved
Reset
0x00
FIELD
BITS
DESCRIPTION
Reserved
7:4
Reserved. Write as 0.
APERS
3:0
ALS Interrupt persistence filter. Controls rate of ALS interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every ALS cycle generates an interrupt
0001
1
1 value outside of threshold range
0010
2
2 consecutive values out of range
0011
3
3 consecutive values out of range
0100
5
5 consecutive values out of range
0101
10
10 consecutive values out of range
0110
15
15 consecutive values out of range
0111
20
20 consecutive values out of range
1000
25
25 consecutive values out of range
1001
30
30 consecutive values out of range
1010
35
35 consecutive values out of range
1011
40
40 consecutive values out of range
1100
45
45 consecutive values out of range
1101
50
50 consecutive values out of range
1110
55
55 consecutive values out of range
1111
60
60 consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com