| 전자부품 데이터시트 검색엔진 |
|
TSL2771 데이터시트(PDF) 30 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL2771 데이터시트(HTML) 30 Page - ams AG |
|
30 / 33 page ![]() TSL2771 LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING TAOS100B − FEBRUARY 2011 29 The LUMENOLOGY r Company r r Copyright E 2011, TAOS Inc. www.taosinc.com MANUFACTURING INFORMATION The FN package has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate. The solder reflow profile describes the expected maximum heat exposure of components during the solder reflow process of product on a PCB. Temperature is measured on top of component. The components should be limited to a maximum of three passes through this solder reflow profile. Table 17. Solder Reflow Profile PARAMETER REFERENCE DEVICE Average temperature gradient in preheating 2.5 °C/sec Soak time tsoak 2 to 3 minutes Time above 217 °C (T1) t1 Max 60 sec Time above 230 °C (T2) t2 Max 50 sec Time above Tpeak −10°C (T3) t3 Max 10 sec Peak temperature in reflow Tpeak 260 °C Temperature gradient in cooling Max −5 °C/sec t3 t2 t1 tsoak T3 T2 T1 Tpeak Not to scale — for reference only Time (sec) Figure 21. Solder Reflow Profile Graph |