| 전자부품 데이터시트 검색엔진 |
|
PIP46U 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PIP46U 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() FIBER SENSORS PLASTIC FIBERS GLASS FIBERS More information online at bannerengineering.com 249 Photoelectrics Sensors Fiber Optic Sensors Special Purpose Sensors Measurement & Inspection Sensors Vision Wireless Indicators Safety Light Screens Safety Laser Scanners Fiber Optic Safety Systems Safety Controllers & Modules Safety Two-Hand Control Modules Safety Interlock Switches Emergency Stop Devices NA: * Fibers can be free cut using fiber cutter (see page Model Number Drawing & Dimensions (mm) Core Dia. (mm) Min. Bend Radius (mm) Features Free Cut* Typical Range (mm) ø 1.0 polyethylene 11.0 2000 M3 x 0.5 nickel plated brass 50 350 100 150 200 250 300 400 ø 2.2 polyethylene 11.0 3.0 2000 M4 x 0.7 nickel plated brass M2.5 x 0.045 ø 2.2 polyethylene 11.0 3.0 2000 M4 x 0.7 nickel plated brass M2.5 x 0.045 500 2000 1000 1500 2500 ø 1.0 polyethylene 7.6 25.4 2000 ø 0.91 ø 1.3 stainless steel (non-bendable) probe 8 non-bendable tip ø 1.0 polyethylene 11.0 89 2000 M3 x 0.5 nickel plated brass ø 0.91 annealed stainless steel (bendable) probe tip 50 350 100 150 200 250 300 400 ø 1.47 ø 2.2 polyethylene 14.0 89 2000 M4 x 0.7 nickel plated brass annealed stainless steel (bendable) probe tip 2000 31.4 8.2 ø 1.0 ø 2.3 beam exit polyethylene stainless steel 4.0 3.0 3.0 mapping ø 1.0 ø 2.5 polyethylene 2000 14.0 51 ø 0.91 2.5 3.0 stainless steel (non-bendable) probe stainless steel non-bendable tip ø 3.18 polyethylene 2000 14.0 51 ø 1.47 stainless steel (non-bendable) probe stainless steel 2.5 3.0 ø 2.2 ø 1.0 non-bendable tip ø 3.0 polyethylene 2000 15.0 51 ø 2.11 stainless steel (non-bendable) probe stainless steel 2.5 3.0 ø 2.2 non-bendable tip ø 3.0 polyethylene 2000 15.0 65.0 ø 1.27 annealed stainless steel (bendable) probe stainless steel 2.0 2.5 ø 2.2 5.0 10.2 bendable area bendable tip More page |
유사한 부품 번호 - PIP46U |
|
유사한 설명 - PIP46U |