전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8563TS5 데이터시트(PDF) 49 Page - NXP Semiconductors

부품명 PCF8563TS5
상세설명  Real-time clock/calendar
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TS5 데이터시트(HTML) 49 Page - NXP Semiconductors

Back Button PCF8563TS5 Datasheet HTML 42Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 43Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 44Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 45Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 46Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 47Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 48Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 49Page - NXP Semiconductors PCF8563TS5 Datasheet HTML 50Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 3 April 2012
49 of 50
NXP Semiconductors
PCF8563
Real-time clock/calendar
24. Figures
Fig 1.
Block diagram of PCF8563 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for HVSON10 (PCF8563BS) . . .4
Fig 3.
Pin configuration for DIP8 (PCF8563P) . . . . . . . . .4
Fig 4.
Pin configuration for SO8 (PCF8563T) . . . . . . . . .4
Fig 5.
Pin configuration for TSSOP8 (PCF8563TS). . . . .4
Fig 6.
Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . . .9
Fig 7.
Voltage-low detection. . . . . . . . . . . . . . . . . . . . . .10
Fig 8.
Data flow for the time function . . . . . . . . . . . . . . .13
Fig 9.
Access time for read/write operations . . . . . . . . .14
Fig 10. Alarm function block diagram. . . . . . . . . . . . . . . .16
Fig 11. STOP bit functional diagram . . . . . . . . . . . . . . . .20
Fig 12. STOP bit release timing . . . . . . . . . . . . . . . . . . . .20
Fig 13. POR override sequence . . . . . . . . . . . . . . . . . . .23
Fig 14. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 15. Definition of START and STOP conditions. . . . . .24
Fig 16. System configuration . . . . . . . . . . . . . . . . . . . . . .25
Fig 17. Acknowledgement on the I2C-bus . . . . . . . . . . . .25
Fig 18. Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 19. Master transmits to slave receiver
(WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 20. Master reads after setting register address
(write register address; READ data) . . . . . . . . . .27
Fig 21. Master reads slave immediately after first byte
(READ mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 22. Interface watchdog timer . . . . . . . . . . . . . . . . . . .28
Fig 23. Device diode protection diagram . . . . . . . . . . . . .29
Fig 24. Supply current IDD as a function of supply
voltage VDD; CLKOUT disabled . . . . . . . . . . . . . .32
Fig 25. Supply current IDD as a function of supply
voltage VDD; CLKOUT = 32 kHz . . . . . . . . . . . . .32
Fig 26. Supply current IDD as a function of temperature
T; CLKOUT = 32 kHz . . . . . . . . . . . . . . . . . . . . . .33
Fig 27. Frequency deviation as a function of supply
voltage VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 28. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .35
Fig 29. Application diagram . . . . . . . . . . . . . . . . . . . . . . .36
Fig 30. Package outline SOT650-1 (HVSON10) of
PCF8563BS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Fig 31. Package outline SOT97-1 (DIP8) of PCF8563P .38
Fig 32. Package outline SOT96-1 (SO8) of PCF8563T. .39
Fig 33. Package outline SOT505-1 (TSSOP8) of
PCF8563TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .40
Fig 34. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50