전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP38852 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 LP38852
상세설명  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LP38852 데이터시트(HTML) 23 Page - Texas Instruments

Back Button LP38852 Datasheet HTML 19Page - Texas Instruments LP38852 Datasheet HTML 20Page - Texas Instruments LP38852 Datasheet HTML 21Page - Texas Instruments LP38852 Datasheet HTML 22Page - Texas Instruments LP38852 Datasheet HTML 23Page - Texas Instruments LP38852 Datasheet HTML 24Page - Texas Instruments LP38852 Datasheet HTML 25Page - Texas Instruments LP38852 Datasheet HTML 26Page - Texas Instruments LP38852 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP38852MRX-ADJ/NOPB
SO PowerPAD
DDA
8
2500
367.0
367.0
35.0
LP38852SX-ADJ/NOPB
DDPAK/TO-263
KTW
7
500
367.0
367.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29