전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3420 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS3420
상세설명  2A, 1.25MHz Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3420 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS3420 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3420 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS3420
2A, 1.25MHz Synchronous Buck Converter
6/9
Version: A12
Electrical Characteristics Curve
Figure 7. Frequency vs. Temperature
Figure 8. Efficiency vs. Output Current
Figure 9. VIN = 5V, VOUT = 1.2V, No Load
Figure 10. VIN = 5V, VOUT = 1.2V, RLOAD=0.5ohm
Figure 11. VIN = 3.3V, VOUT = 1.2V, No Load
Figure 12. VIN = 5V, VOUT = 1.2V, RLOAD=0.5ohm



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com