| 전자부품 데이터시트 검색엔진 |
|
D38999/24MC4PB 데이터시트(PDF) 21 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
D38999/24MC4PB 데이터시트(HTML) 21 Page - ITT Industries |
|
21 / 36 page ![]() 19 www.ittcannon.com Cannon KJL/KJ/KJA/KJB MIL-DTL-38999 Series I, II, III Connectors C D N A C D N B A B Polarizing Positions Key Locations 9 N A B C D E N A B C D E N A B C D E N A B C D E 105 102 80 35 64 91 95 113 90 53 119 51 80 135 49 66 62 79 80 135 49 66 62 79 140 132 118 140 155 131 141 156 145 156 146 141 142 170 169 140 145 153 142 170 169 140 145 153 215 248 230 205 234 197 208 182 195 220 176 184 196 200 200 200 180 197 196 200 200 200 180 197 265 320 312 275 304 240 236 292 252 255 298 242 293 310 244 257 280 272 293 310 244 257 280 272 11 13 and 15 17 and 19 21 23 and 25 MAIN KEYWAY MAIN KEY AR˚ BSC BR˚ BSC CR˚ BSC AP˚ BSC BP˚ BSC CP˚ BSC DP˚ BSC DR˚ BSC NOTES 1. All Angles are BSC 2. The insert arrangement does not rotate with main key/keyway 3. All minor keys are rotated to provide shell polarization, the master key remains fixed at twelve o'clock position. 4. Polarization is different from Series I and II. Front face of receptacle (plug opposite). Insert arrangement does not rotate with main key-keyway. The master key is rotated to provide shell polar- ization; the minor keys remain fixed. Front face of receptacle (plug opposite). Insert arrangement does not rotate with main key-keyway. The master key is rotated to provide shell polar- ization; the minor keys remain fixed. PLUG (Front face shown) RECEPTACLE (Front face shown) Series III Series II Series I Shell Size Key & Keyway Arrangement identifi- cation Letter ARº or APº BSC BRº or BPº BSC CRº or CPº BSC DRº or DPº BSC Shell Size Normal AB C D Shell Size Normal AB C D Angle of Rotation (Degrees) Angle of Rotation (Degrees) 10º REF 5º REF 9 11 13 15 17 19 21 23 25 95º 95º 95º 95º 95º 95º 95º 95º 95º 77º 81º 75º 74º 77º 77º 77º 80º 80º 67º 63º 61º 65º 65º 65º 69º 69º 123º 127º 129º 125º 125º 125º 121º 121º 113º 109º 115º 116º 113º 113º 113º 110º 110º 8 10 12 14 16 18 20 22 24 100º 100º 100º 100º 100º 100º 100º 100º 100º 82º 86º 80º 79º 82º 82º 82º 85º 85º 72º 68º 66º 70º 70º 70º 74º 74º 128º 132º 134º 130º 130º 130º 126º 126º 118º 114º 120º 121º 118º 118º 118º 115º 115º Dimensions shown in inches (mm) Specifications and dimensions subject to change |