| 전자부품 데이터시트 검색엔진 |
|
TSM10N80 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TSM10N80 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 10 page ![]() TSM10N80 800V N-Channel Power MOSFET 2/10 Version: B13 Thermal Performance Parameter Symbol Limit Unit Thermal Resistance - Junction to Case TO-220 RӨJC 0.43 oC/W ITO-220 2.6 Thermal Resistance - Junction to Ambient TO-220 / ITO-220 RӨJA 62.5 Notes: Surface mounted on FR4 board t ≤ 10sec Electrical Specifications (Tc = 25 oC unless otherwise noted) Parameter Conditions Symbol Min Typ Max Unit Static Drain-Source Breakdown Voltage VGS = 0V, ID = 250uA BVDSS 800 -- -- V Drain-Source On-State Resistance VGS = 10V, ID = 4.75A RDS(ON) -- 0.9 1.05 Ω Gate Threshold Voltage VDS = VGS, ID = 250uA VGS(TH) 2.0 -- 4.0 V Zero Gate Voltage Drain Current VDS = 800V, VGS = 0V IDSS -- -- 10 uA Gate Body Leakage VGS = ±30V, VDS = 0V IGSS -- -- ±100 nA Forward Transconductance VDS = 30V, ID = 4.75A gfs -- 6.3 -- S Diode Forward Voltage IS = 9.5A, VGS = 0V VSD -- -- 1.5 V Dynamic b Total Gate Charge VDS = 640V, ID = 9.5A, VGS = 10V Qg -- 53 -- nC Gate-Source Charge Qgs -- 10 -- Gate-Drain Charge Qgd -- 23 -- Input Capacitance VDS = 25V, VGS = 0V, f = 1.0MHz Ciss -- 2336 -- pF Output Capacitance Coss -- 214 -- Reverse Transfer Capacitance Crss -- 29 -- Switching c Turn-On Delay Time VGS = 10V, ID = 9.5A, VDD = 400V, RG = 25Ω td(on) -- 63 -- nS Turn-On Rise Time tr -- 62 -- Turn-Off Delay Time td(off) -- 256 -- Turn-Off Fall Time tf -- 72 -- Reverse Recovery Time VGS = 0V, IS = 9.5A, dIF/dt = 100A/us tfr -- 450 -- nS Reverse Recovery Charge Qfr -- 5.3 -- uC Notes: 1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature 2. VDD = 50V, IAS=10A, L=5mH, RG=25Ω 3. ISD ≤9.5A, di/dt ≤ 200A/uS, Vdd ≤ BV 4. Pulse test: pulse width ≤300uS, duty cycle ≤2% 5. b For design reference only, not subject to production testing. 6. c Switching time is essentially independent of operating temperature. |