전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G3VM-21LR 데이터시트(PDF) 13 Page - Omron Electronics LLC

부품명 G3VM-21LR
상세설명  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-21LR 데이터시트(HTML) 13 Page - Omron Electronics LLC

Back Button G3VM-21LR Datasheet HTML 9Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 10Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 11Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 12Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 13Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 14Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 15Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 16Page - Omron Electronics LLC G3VM-21LR Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
MOS FET Relays
G3VM Series
35
Optimum Operating Conditions
Dimensions
Connections
G3VM-61A1
G3VM-351B, -353B
G3VM-351B, -353B
Timing Chart
Parameter
Comments and conditions
G3VM-61A1
G3VM-351B
G3VM-353B
Output voltage strength
V
DD
Max.
48 V
280 V
280 V
Operate LED forward current
I
F
Min.
5 mA
5 mA
5 mA
Typical
7.5 mA
10 mA
—
Max.
25 mA
25 mA
25 mA
Continuous load current
I
O
Max.
500 mA
100 mA
150 mA
Ambient temperature
T
A
-20
° to 65°C-20° to 65°C-20° to 65°C
Item
G3VM-61A1
G3VM-351B
G3VM-353B
Dimensions
See page 92
See page 92
See page 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com