전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF0140BA03071S 데이터시트(PDF) 1 Page - API Technologies Corp

부품명 SF0140BA03071S
상세설명  140 MHz SAW Low-Loss Filter 12 MHz Bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0140BA03071S 데이터시트(HTML) 1 Page - API Technologies Corp

  SF0140BA03071S Datasheet HTML 1Page - API Technologies Corp SF0140BA03071S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
140 MHz SAW Low-Loss Filter
12 MHz Bandwidth
Part Number SF0140BA03071S
Integrated
Circuit
Systems, Inc.
Rev X5 21-Apr-05
Page 1 of 2
Integrated Circuit Systems
• Surface Acoustic Wave Products
TYPICAL PERFORMANCE
Horizontal: 4 MHz/div
Vertical (from top):
Magnitude
10,1
dB/div
Group Delay Deviation
100
ns/div
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency ( Fc)
1
139.6
140.0
140.4
MHz
Insertion Loss
10.4
12.5
dB
1 dB Bandwidth
10.2
11.7
MHz
3 dB Bandwidth
12.0
12.7
MHz
35 dB Bandwidth
16.1
21.3
MHz
Passband Ripple
2
0.74
1.0
dB p-p
Phase Ripple
2
10
15
deg p-p
Group Delay Ripple
2
50
120
ns p-p
Absolute Delay
1.0
us
Ultimate Rejection
40
47
dB
Temperature Coefficient of Frequency
-90
ppm/ºC
Substrate Material
YZ Lithium Niobate
Source and Load Impedance
50
Ambient Temperature
25
ºC
Notes:
1. Average of lower and upper 3 dB frequencies.
2. Measured over 90% of the 3 dB bandwidth.
3. Typical change of filter frequency response with temperature is ∆f/fref = (T-Tref)*Tc ppm.
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3


유사한 부품 번호 - SF0140BA03071S

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
SF0140BA03071S ICST-SF0140BA03071S Datasheet
162Kb / 2P
140 MHz SAW Low-Loss Filter 12 MHz Bandwidth
More results

유사한 설명 - SF0140BA03071S

제조업체부품명데이터시트상세설명
logo
Integrated Circuit Syst...
SF0140BA03068S ICST-SF0140BA03068S Datasheet
180Kb / 2P
140 MHz Low-Loss Filter 4 MHz Bandwidth
SF0140BA03071S ICST-SF0140BA03071S Datasheet
162Kb / 2P
140 MHz SAW Low-Loss Filter 12 MHz Bandwidth
SF0140BA03074S ICST-SF0140BA03074S Datasheet
101Kb / 2P
140 MHz SAW Filter 32 MHz bandwidth
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
140 MHz SAW Filter 16 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0140BA03175S APITECH-SF0140BA03175S Datasheet
161Kb / 3P
140 MHz SAW Filter 9.3 MHz Bandwidth
SF0140BA03115S APITECH-SF0140BA03115S Datasheet
156Kb / 3P
140 MHz SAW Filter 12 MHz Bandwidth
SF0140BA03114S APITECH-SF0140BA03114S Datasheet
154Kb / 3P
140 MHz SAW Filter 16 MHz Bandwidth
SF0140BA03110S APITECH-SF0140BA03110S Datasheet
157Kb / 3P
140 MHz SAW Filter 14 MHz Bandwidth
SF0140BA03068S APITECH-SF0140BA03068S Datasheet
185Kb / 2P
140 MHz Low-Loss Filter 4 MHz Bandwidth
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
140 MHz SAW Filter 4.7 MHz Bandwidth
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com