| 전자부품 데이터시트 검색엔진 |
|
A12APAB 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
A12APAB 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 7 page ![]() Series A Process Sealed Subminiature Toggles www.nkk.com A9 A Single Pole Straight PC SinglePole StraightPC•Bracket Double Pole Straight PC DoublePole StraightPC•Bracket A11 models do not have Terminal 2 A12AP A22AP B Terminals B1 Terminals A12AB A22AB (9.8) .386 1 2 3 (5.08) .200 (1.0) .039 CL (2.6) Dia .102 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (0.5) .020 (4.5) .177 (10.0) .394 (13.1) .516 26° (6.0) .236 Slot (0.3) .012 (5.0) .197 (0.4) Typ .016 (5.84) .230 (9.8) .386 1 2 3 (5.08) .200 4 5 6 26° (2.6) Dia .102 (0.6) Dia Typ .024 (2.54) Typ .100 (3.1) .122 (0.8) .031 (3.5) .138 (13.1) .516 (10.0) .394 (6.0) .236 (5.0) .197 (0.4) .016 (0.4) Typ .016 Slot (9.2) .362 (9.8) .386 1 2 3 (0.7) Typ .028 (1.0) .039 CL (2.54) .100 26° (0.5) .020 (13.1) .516 (3.1) .122 (4.5) .177 (10.0) .394 (2.54) Typ .100 (0.6) Dia Typ .024 (0.3) Typ .012 (10.16) .400 (2.6) Dia .102 (6.0) .236 (0.3) .012 (5.84) .230 (5.0) .197 Slot (9.8) .386 (0.7) Typ .028 (5.08) .200 1 2 3 4 5 6 (0.8) .031 (13.1) .516 (3.1) .122 (3.5) .138 (10.0) .394 (2.54) Typ .100 26° (2.6) Dia .102 (0.6) Dia Typ .024 (0.3) Typ .012 (10.16) .400 (6.0) .236 (5.0) .197 (0.4) .016 Slot (9.5) .374 (2.54) Typ .100 3 1 2 (0.8) Dia Typ .031 (1.0) .039 CL (0.8) Dia Typ .031 6 4 52 3 1 (2.54) Typ .100 (5.08) .200 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL 6 4 5 2 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 TYPICAL SWITCH DIMENSIONS |