전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT90LS2323 데이터시트(PDF) 13 Page - ATMEL Corporation

부품명 AT90LS2323
상세설명  8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS2323 데이터시트(HTML) 13 Page - ATMEL Corporation

Back Button AT90LS2323 Datasheet HTML 9Page - ATMEL Corporation AT90LS2323 Datasheet HTML 10Page - ATMEL Corporation AT90LS2323 Datasheet HTML 11Page - ATMEL Corporation AT90LS2323 Datasheet HTML 12Page - ATMEL Corporation AT90LS2323 Datasheet HTML 13Page - ATMEL Corporation AT90LS2323 Datasheet HTML 14Page - ATMEL Corporation AT90LS2323 Datasheet HTML 15Page - ATMEL Corporation AT90LS2323 Datasheet HTML 16Page - ATMEL Corporation AT90LS2323 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
13
AT90S/LS2323/2343
1004D–09/01
I/O Direct
Figure 12. I/O Direct Addressing
Operand address is contained in six bits of the instruction word. n is the destination or
source register address.
Data Direct
Figure 13. Direct Data Addressing
A 16-bit data address is contained in the 16 LSBs of a 2-word instruction. Rd/Rr specify
the destination or source register.
Data Indirect with
Displacement
Figure 14. Data Indirect with Displacement
Operand address is the result of the Y- or Z-register contents added to the address con-
tained in six bits of the instruction word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64