전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23009ESO 데이터시트(PDF) 18 Page - Microchip Technology

부품명 MCP23009ESO
상세설명  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23009ESO 데이터시트(HTML) 18 Page - Microchip Technology

Back Button MCP23009ESO Datasheet HTML 14Page - Microchip Technology MCP23009ESO Datasheet HTML 15Page - Microchip Technology MCP23009ESO Datasheet HTML 16Page - Microchip Technology MCP23009ESO Datasheet HTML 17Page - Microchip Technology MCP23009ESO Datasheet HTML 18Page - Microchip Technology MCP23009ESO Datasheet HTML 19Page - Microchip Technology MCP23009ESO Datasheet HTML 20Page - Microchip Technology MCP23009ESO Datasheet HTML 21Page - Microchip Technology MCP23009ESO Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 18
© 2009 Microchip Technology Inc.
1.6.3
INTERRUPT-ON-CHANGE
CONTROL REGISTER
The GPINTEN register controls the interrupt-on-
change feature for each pin.
If a bit is set, the corresponding pin is enabled for
interrupt-on-change.
The
DEFVAL
and
INTCON
registers must also be configured if any pins are
enabled for interrupt-on-change.
REGISTER 1-3:
GPINTEN – INTERRUPT-ON-CHANGE PINS
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GPINT7
GPINT6
GPINT5
GPINT4
GPINT3
GPINT2
GPINT1
GPINT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
GPINT7:GPINT0: General purpose I/O interrupt-on-change pins <7:0>
1
= Enable GPIO input pin for interrupt-on-change event
0
= Disable GPIO input pin for interrupt-on-change event
Refer to INTCON and DEFVAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50