전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I2CTRN 데이터시트(PDF) 6 Page - Microchip Technology

부품명 I2CTRN
상세설명  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CTRN 데이터시트(HTML) 6 Page - Microchip Technology

Back Button I2CTRN Datasheet HTML 2Page - Microchip Technology I2CTRN Datasheet HTML 3Page - Microchip Technology I2CTRN Datasheet HTML 4Page - Microchip Technology I2CTRN Datasheet HTML 5Page - Microchip Technology I2CTRN Datasheet HTML 6Page - Microchip Technology I2CTRN Datasheet HTML 7Page - Microchip Technology I2CTRN Datasheet HTML 8Page - Microchip Technology I2CTRN Datasheet HTML 9Page - Microchip Technology I2CTRN Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 6
© 2010 Microchip Technology Inc.
Pin Diagrams
2
3
6
1
18
19
20
21
15
7
16
17
dsPIC30F2012
5
4
AN8/OC1/RB8
AN9/OC2/RB9
CN17/RF4
CN18/RF5
VDD
VSS
PGC/EMUC/U1RX/SDI1/SDA/RF2
AN2/SS1/LVDIN/CN4/RB2
AN3/CN5/RB3
AN4/CN6/RB4
AN5/CN7/RB5
VSS
OSC1/CLKI
OSC2/CLKO/RC15
28-Pin QFN-S(1)
Note
1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More