| 전자부품 데이터시트 검색엔진 |
|
G3T25AH-R 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G3T25AH-R 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 6 page ![]() Series G3T Process Sealed Ultra-Miniature SMT Toggles www.nkk.com A44 A Toggle Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Up Center Down Up Center Down Note: Terminal numbers are not actually on switch. SP G3T12 G3T13 G3T15 G3T18 G3T19 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 5-6 OPEN 5-4 SPDT DP G3T22 G3T23 G3T25 G3T28 G3T29 ON ON ON (ON) ON NONE OFF NONE OFF OFF ON ON (ON) (ON) (ON) 5-6 2-3 OPEN 5-4 2-1 DPDT (COM) 6 4 5 1 2 3 5 (COM) 6 4 Poles 1 SPDT 2 DPDT TYPICAL SWITCH ORDERING EXAMPLE Circuits 2 ON NONE ON 3 ON OFF ON 5 ON NONE (ON) 8 (ON) OFF (ON) 9 ON OFF (ON) ( ) = Momentary Actuator A .150” (3.8mm) Column Toggle 1 G3T A 2 H Terminals P Gull Wing for Upright Mount B Gull Wing for Upright with Bracket Mount H Gull Wing for Right Angle Mount Packaging R Tape-Reel for Right Angle Only 500 Pieces/Reel S Stick-Tube for Upright Mount 50 Pieces/Stick No Code Partitioned Tray for Upright & Right Angle Any Quantity Packaging details at end of G3T Series ACTUATOR .150” (3.8mm) Column Toggle POLES & CIRCUITS A Gull Wing Terminals for Right Angle Mount DESCRIPTION FOR TYPICAL ORDERING EXAMPLE G3T12AH .150” (3.8mm) Column Toggle SPDT ON-NONE-ON Circuit (4.0) Dia .157 (1.7) Dia .067 28° (3.8) .150 Slot Slot |