전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTWS 데이터시트(PDF) 3 Page - MMD Components

부품명 MTWS
상세설명  MTWS Series ??Femtocell Stratum III TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MMD [MMD Components]
홈페이지  http://www.mmdcomp.com
Logo MMD - MMD Components

MTWS 데이터시트(HTML) 3 Page - MMD Components

  MTWS_12 Datasheet HTML 1Page - MMD Components MTWS_12 Datasheet HTML 2Page - MMD Components MTWS_12 Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MTWS Series – Femtocell Stratum III TCXO
Specifications subject to change without notice
Page 3 of 3
Revision: MTWS061912B
MECHANICAL DIMENSIONS
NOTES: UNLESS OTHERWISE SPECIFIED
1.
APPLICABLE STANDARDS / SPECIFICATIONS: ANSI Y14.5M, DIMENSIONS AND
TOLERANCES.
2.
DIMENSIONS ARE MILLIMETERS [INCHES]. MILLIMETERS ARE THE CONTROLLING
DIMENSIONS, INCHES ARE FOR REFERENCE ONLY.
3.
THE PIN NUMBERS ARE FOR REFERENCE ONLY AND ARE NOT TO BE MARKED ON THE
UNIT.
4.
AN EXTERNAL BYPASS CAPACITOR IS RECOMMENDED.
5.
TOLERANCES ARE ±0.25 [.010] FOR TWO PLACE DECIMALS AND ±0.5 [.02] FOR ONE
PLACE DECIMALS.
6.
DO NOT SCALE DRAWING.



Html Pages

1 2 3