전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8024TTC1 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers

부품명 TDA8024TTC1
상세설명  Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TDA8024TTC1 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TDA8024TTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 11Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 12Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 13Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 14Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 15Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 16Page - List of Unclassifed Manufacturers TDA8024TTC1 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
2004 July 12
13
Philips Semiconductors
Product specification
IC card interface
TDA8024
8.7
Active mode
When the activation sequence is completed, the TDA8024
will be in its active mode. Data is exchanged between the
card and the microcontroller via the I/O lines. The
TDA8024 is designed for cards without VPP (the voltage
required to program or erase the internal non-volatile
memory).
8.8
Deactivation sequence
When a session is completed, the microcontroller sets the
CMDVCC line HIGH. The circuit then executes an
automatic deactivation sequence by counting the
sequencer back and finishing in the inactive mode (see
Fig.9):
1. RST goes LOW (t10).
2. CLK is held LOW (t12 =t10 + 0.5 × T) where T is 64
times the period of the internal oscillator
(approximately 25
µs).
3. I/O, AUX1 and AUX2 are pulled LOW (t13 =t10 + T).
4. VCC starts to fall towards zero (t14 =t10 + 1.5 × T).
5. The deactivation sequence is complete at tde, when
VCC reaches its inactive state.
6. VUP falls to zero (t15 =t10 + 5T) and all card contacts
become low-impedance to GND; I/OUC, AUX1UC and
AUX2UC remain at VDD (pulled-up via a 11 kΩ
resistor).
7. The internal oscillator returns to its lower frequency.
handbook, full pagewidth
RST
CMDVCC
CLK
I/O
VUP
VCC
t15
t14
t13
t12
MDB056
tde
t10
Fig.9 Deactivation sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com