전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VRMS=14V 데이터시트(PDF) 17 Page - EPCOS

부품명 VRMS=14V
상세설명  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=14V 데이터시트(HTML) 17 Page - EPCOS

Back Button VRMS=14V Datasheet HTML 13Page - EPCOS VRMS=14V Datasheet HTML 14Page - EPCOS VRMS=14V Datasheet HTML 15Page - EPCOS VRMS=14V Datasheet HTML 16Page - EPCOS VRMS=14V Datasheet HTML 17Page - EPCOS VRMS=14V Datasheet HTML 18Page - EPCOS VRMS=14V Datasheet HTML 19Page - EPCOS VRMS=14V Datasheet HTML 20Page - EPCOS VRMS=14V Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Ordering code
[e]
±1
mm
a
±1
mm
wmax
mm
thmax
mm
hmax
mm
lmin
mm
d
±0.05
mm
VRMS = 440 V
B72214S0441K101
7.5
3.0
15.5
6.3
19.0
25.0
0.8
B72220S0441K101
10.0
3.1
21.5
6.7
26.0
25.0
1.0
VRMS = 460 V
B72205S0461K101
5.0
3.0
7.0
5.7
9.0
25.0
0.6
B72207S0461K101
5.0
3.0
9.0
5.7
11.5
25.0
0.6
B72210S0461K101
7.5
3.1
12.0
6.3
15.0
25.0
0.8
B72214S0461K101
7.5
3.1
15.5
6.4
19.0
25.0
0.8
B72220S0461K101
10.0
3.3
21.5
6.8
26.0
25.0
1.0
VRMS = 510 V
B72210S0511K101
7.5
3.4
12.0
6.7
15.0
25.0
0.8
B72214S0511K101
7.5
3.4
15.5
6.8
19.0
25.0
0.8
B72220S0511K101
10.0
3.5
21.5
7.1
26.0
25.0
1.0
VRMS = 550 V
B72210S0551K101
7.5
3.7
12.0
7.1
15.0
25.0
0.8
B72214S0551K101
7.5
3.7
15.5
7.2
19.0
25.0
0.8
B72220S0551K101
10.0
3.9
21.5
7.5
26.0
25.0
1.0
VRMS = 625 V
B72210S0621K101
7.5
4.0
12.0
7.5
15.0
25.0
0.8
B72214S0621K101
7.5
4.0
15.5
7.5
19.0
25.0
0.8
B72220S0621K101
10.0
4.2
21.5
7.9
26.0
25.0
1.0
VRMS = 680 V
B72210S0681K101
7.5
4.4
12.0
7.9
15.0
25.0
0.8
B72214S0681K101
7.5
4.4
15.5
8.0
19.0
25.0
0.8
B72220S0681K101
10.0
4.5
21.5
8.4
26.0
25.0
1.0
VRMS = 1100 V
B72214S0102K101
7.5
6.7
15.5
11.0
20.5
25.0
0.8
B72220S0102K101
10.0
6.9
21.5
11.4
28.5
25.0
1.0
Leaded varistors
B722*
StandarD series
Page 17 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com