전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VRMS=17V 데이터시트(PDF) 37 Page - EPCOS

부품명 VRMS=17V
상세설명  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=17V 데이터시트(HTML) 37 Page - EPCOS

Back Button VRMS=17V Datasheet HTML 33Page - EPCOS VRMS=17V Datasheet HTML 34Page - EPCOS VRMS=17V Datasheet HTML 35Page - EPCOS VRMS=17V Datasheet HTML 36Page - EPCOS VRMS=17V Datasheet HTML 37Page - EPCOS VRMS=17V Datasheet HTML 38Page - EPCOS VRMS=17V Datasheet HTML 39Page - EPCOS VRMS=17V Datasheet HTML 40Page - EPCOS VRMS=17V Datasheet HTML 41Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
2.3
Tape dimensions (in mm)
Sym-
bol
= 5.0 Tolerance
= 7.5 Tolerance
= 10.0 Tolerance
Remarks
w
max.
max.
max.
see tables in
each series
th
max.
max.
max.
under
"Dimensions"
d
0.6
±0.05
0.8
±0.05
1.0
±0.05
P0
12.7
±0.3
12.71)
±0.3
12.7
±0.3
±1 mm/20
sprocket holes
P1
3.85
±0.7
8.95
±0.8
7.7
±0.8
F
5.0
+0.6/ 0.1 7.5
±0.8
10.0
±0.8
∆h
0
±2.0
depends on s
depends on s
measured at
∆p
0
±1.3
0
±2.0
0
±2.0
top of compo-
nent body
W
18.0
±0.5
18.0
±0.5
18.0
±0.5
W0
5.5
min.
11.0
min.
11.0
min.
Peel-off
force > 5 N
W1
9.0
±0.5
9.0
+0.75/ 0.5 9.0
+0.75/ 0.5
W2
3.0
max.
3.0
max.
3.0
max.
H
18.0
+2.0/ 0
18.0
+2.0/ 0
18.0
+2.0/ 0
2)
H0
16.0
(18.0)
±0.5
16.0
(18.0)
±0.5
16.0
±0.5
3)
H1
32.2
max.
45.0
max.
45.0
max.
D0
4.0
±0.2
4.0
±0.2
4.0
±0.2
t
0.9
max.
0.9
max.
0.9
max.
without lead
L
11.0
max.
11.0
max.
11.0
max.
l
4.0
max.
1) Taping with P0 = 15.0 mm upon request
2) Applies only to uncrimped types
3) Applies only to crimped types (H0 = 18 upon request)
Leaded varistors
B722*
StandarD series
Page 37 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com