| 전자부품 데이터시트 검색엔진 |
|
PIC16F7XIPTSQTP 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F7XIPTSQTP 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 11 PIC16F7X PORTB is a bi-directional I/O port. PORTB can be software programmed for internal weak pull-up on all inputs. RB0/INT RB0 INT 33 36 8 I/O I TTL/ST(1) Digital I/O. External interrupt. RB1 34 37 9 I/O TTL Digital I/O. RB2 353810 I/O TTL Digital I/O. RB3/PGM RB3 PGM 36 39 11 I/O I/O TTL Digital I/O. Low voltage ICSP programming enable pin. RB4 374114 I/O TTL Digital I/O. RB5 384215 I/O TTL Digital I/O. RB6/PGC RB6 PGC 39 43 16 I/O I/O TTL/ST(2) Digital I/O. In-Circuit Debugger and ICSP programming clock. RB7/PGD RB7 PGD 40 44 17 I/O I/O TTL/ST(2) Digital I/O. In-Circuit Debugger and ICSP programming data. PORTC is a bi-directional I/O port. RC0/T1OSO/T1CKI RC0 T1OSO T1CKI 15 16 32 I/O O I ST Digital I/O. Timer1 oscillator output. Timer1 external clock input. RC1/T1OSI/CCP2 RC1 T1OSI CCP2 16 18 35 I/O I I/O ST Digital I/O. Timer1 oscillator input. Capture2 input, Compare2 output, PWM2 output. RC2/CCP1 RC2 CCP1 17 19 36 I/O I/O ST Digital I/O. Capture1 input/Compare1 output/PWM1 output RC3/SCK/SCL RC3 SCK SCL 18 20 37 I/O I/O I/O ST Digital I/O Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C mode. RC4/SDI/SDA RC4 SDI SDA 23 25 42 I/O I I/O ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO RC5 SDO 24 26 43 I/O O ST Digital I/O. SPI data out. RC6/TX/CK RC6 TX CK 25 27 44 I/O O I/O ST Digital I/O. USART asynchronous transmit. USART 1 synchronous clock. RC7/RX/DT RC7 RX DT 26 29 1 I/O I I/O ST Digital I/O. USART asynchronous receive. USART synchronous data. TABLE 1-3: PIC16F74 AND PIC16F77 PINOUT DESCRIPTION (CONTINUED) Pin Name DIP Pin# PLCC Pin# QFP Pin# I/O/P Type Buffer Type Description Legend: I = input O = output I/O = input/output P = power — = Not used TTL = TTL input ST = Schmitt Trigger input Note 1: This buffer is a Schmitt Trigger input when configured as an external interrupt. 2: This buffer is a Schmitt Trigger input when used in Serial Programming mode. 3: This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel Slave Port mode (for interfacing to a microprocessor bus). 4: This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise. |