전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

dsPIC30F3010 데이터시트(PDF) 64 Page - Microchip Technology

부품명 dsPIC30F3010
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F3010 데이터시트(HTML) 64 Page - Microchip Technology

Back Button dsPIC30F3010 Datasheet HTML 60Page - Microchip Technology dsPIC30F3010 Datasheet HTML 61Page - Microchip Technology dsPIC30F3010 Datasheet HTML 62Page - Microchip Technology dsPIC30F3010 Datasheet HTML 63Page - Microchip Technology dsPIC30F3010 Datasheet HTML 64Page - Microchip Technology dsPIC30F3010 Datasheet HTML 65Page - Microchip Technology dsPIC30F3010 Datasheet HTML 66Page - Microchip Technology dsPIC30F3010 Datasheet HTML 67Page - Microchip Technology dsPIC30F3010 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 228 page
background image
TABLE 8-2:
dsPIC30F3010 PORT REGISTER MAP(1)
SFR
Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
TRISB
02C6
—
—
—
—
—
—
—
—
—
—
TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0
0000 0000 0011 1111
PORTB
02C8
—
—
—
—
—
—
—
—
—
—
RB5
RB4
RB3
RB2
RB1
RB0
0000 0000 0000 0000
LATB
02CB
—
—
—
—
—
—
—
—
—
—
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
0000 0000 0000 0000
TRISC
02CC TRISC15 TRISC14 TRISC13
—
—
—
—
—
—
—
—
—
—
—
—
—
1110 0000 0000 0000
PORTC
02CE
RC15
RC14
RC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
LATC
02D0
LATC15
LATC14
LATC13
—
—
—
—
—
—
—
—
—
—
—
—
—
0000 0000 0000 0000
TRISD
02D2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
TRISD1 TRISD0
0000 0000 0000 0011
PORTD
02D4
—
—
—
—
—
—
—
—
—
—
—
—
—
—
RD1
RD0
0000 0000 0000 0000
LATD
02D6
—
—
—
—
—
—
—
—
—
—
—
—
—
—LATD1
LATD0
0000 0000 0000 0000
TRISE
02D8
—
—
—
—
—
—
—TRISE8
—
—
TRISE5 TRISE4 TRISE3 TRISE2 TRISE1 TRISE0
0000 0001 0011 1111
PORTE
02DA
—
—
—
—
—
—
—RE8
—
—
RE5
RE4
RE3
RE2
RE1
RE0
0000 0000 0000 0000
LATE
02DC
—
—
—
—
—
—
—LATE8
—
—
LATE5
LATE4
LATE3
LATE2
LATE1
LATE0
0000 0000 0000 0000
TRISF
02EE
—
—
—
—
—
—
—
—
—
—
—
—
TRISF3 TRISF2
—
—
0000 0000 0000 1100
PORTF
02E0
—
—
—
—
—
—
—
—
—
—
—
—RF3
RF2
—
—
0000 0000 0000 0000
LATF
02E2
—
—
—
—
—
—
—
—
—
—
—
—
LATF3
LATF2
—
—
0000 0000 0000 0000
Legend:
— = unimplemented bit, read as ‘0’
Note 1:
Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. Not all peripherals, and therefore their bit positions, are available on this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More