전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T89C51RD2-3CWC-L 데이터시트(PDF) 19 Page - ATMEL Corporation

부품명 T89C51RD2-3CWC-L
상세설명  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L 데이터시트(HTML) 19 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 16Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 17Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 18Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 19Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 20Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 21Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 22Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Rev. F - 15 February, 2001
19
T89C51RD2
It is possible to use timer 2 as a baud rate generator and a clock generator simultaneously. For this configuration,
the baud rates and clock frequencies are not independent since both functions use the values in the RCAP2H and
RCAP2L registers.
Figure 6. Clock-Out Mode C/T2=0
:2
EXF2
TR2
OVEFLOW
T2EX
TH2
(8-bit)
TL2
(8-bit)
TIMER 2
RCAP2H
(8-bit)
RCAP2L
(8-bit)
T2OE
T2
XTAL1
T2CON reg
T2CON reg
T2CON reg
T2MOD reg
INTERRUPT
QD
Toggle
EXEN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86