전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS414020 데이터시트(PDF) 4 Page - Powerex Power Semiconductors

부품명 PS414020
상세설명  POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS414020 데이터시트(HTML) 4 Page - Powerex Power Semiconductors

  PS414020 Datasheet HTML 1Page - Powerex Power Semiconductors PS414020 Datasheet HTML 2Page - Powerex Power Semiconductors PS414020 Datasheet HTML 3Page - Powerex Power Semiconductors PS414020 Datasheet HTML 4Page - Powerex Power Semiconductors PS414020 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
2000 Amperes / Up to 4000 Volts
Revision Date: 05/29/2012
PS41__20
®
Maximum Transient Thermal Impedance
0.000
0.005
0.010
0.015
0.020
0.025
0.001
0.01
0.1
1
10
100
1000
Time - t - Seconds
(Junction To Case)
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
10
100
1000
10000
100000
Instantaneous On-State Current - If - Amperes
(Tj = 150C)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
30°
90°
180°
0
500
1000
1500
2000
2500
0
500
1000
1500
2000
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
90°
30°
180°
90
100
110
120
130
140
150
0
500
1000
1500
2000
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
180°
120°
60°
0
500
1000
1500
2000
2500
3000
3500
0
500
1000
1500
2000
2500
3000
3500
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
180°
120°
60°
360°
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
3000
3500
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com