전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRS-A330ST02-R1 데이터시트(PDF) 9 Page - Murata Manufacturing Co., Ltd.

부품명 IRS-A330ST02-R1
상세설명  Pyroelectric infrared sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRS-A330ST02-R1 데이터시트(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button IRS-A330ST02-R1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRS-A330ST02-R1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
For Reference Only 9/20
株 式 会 社
村 田 製 作 所
2.05
2.65
0.6~0.85
1.20~1.45
6.使用温度範囲(Operating Temperature)
-40 ~ 70℃
7.保存温度範囲(Storage Temperature)
-40 ~ 85℃
8.標準ランドパターン(Recommended Land Pattern)
図6
標準ランドパターン
Figure6. Recommendable land pattern
単位:mm
公差:±0.05
Unit: mm
Tolerance:±0.05
電源電圧端子 Vin
(Power supply terminal)
ソース電圧端子 Vout
(Out put terminal)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com