전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TM9518PM 데이터시트(PDF) 1 Page - API Technologies Corp

부품명 TM9518PM
상세설명  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9518PM 데이터시트(HTML) 1 Page - API Technologies Corp

  TM9518PM Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Available as:
TM9518PM, 4 Pin TO-8 (T4)
TN9518PM, 4 Pin Surface Mount (SM3)
FP9518PM, 4 Pin Flatpack (FP4)
BX9518PM, Connectorized Housing (H1)
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ........... 100 mW (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Phase Noise (dBc/Hz)
Guaranteed Phase Noise Performance (dBc/Hz)
Frequency
Typical
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
-168
-168
-164
-155
-145
-165
-165
-142
-152
-160
Guarantee (min.)
*
Residual Phase Noise Test Conditions:
! Carrier Frequency: 900 MHz
! Power Output +15 dBm
! Temperature: 25 oC
! Agilent ES5500 System
!
!
!
!
! Superior Phase Noise Performance
!
!
!
!
! Medium Gain: +14.7 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
Features
RF AMPLIFIER
MODEL
TM9518PM
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +47 dBm (Typ.)
Second Order Two Tone Intercept Point ........ +41dBm (Typ.)
Third Order Two Tone Intercept Point .......... +29 dBm (Typ.)
Rev.
1/4/08
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
10 - 1000 MHz
10 - 1000 MHz
Gain (dB)
14.7
13.5 Min.
Power @ 1 dB
Comp. (dBm)
+16.0
+14.5 Min.
Reverse
Isolation (dB)
-18.5
-17 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.5:1
2.0:1 Max.
Noise Figure (dB)
4.0
5.5 Max.
Power
Vdc
+15
+15
mA
44
50 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


유사한 부품 번호 - TM9518PM

제조업체부품명데이터시트상세설명
logo
Spectrum Microwave, Inc...
TM9518 SPECTRUM-TM9518 Datasheet
67Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9518 APITECH-TM9518 Datasheet
68Kb / 1P
RF AMPLIFIER MODEL
More results

유사한 설명 - TM9518PM

제조업체부품명데이터시트상세설명
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com