전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UN2K8-600 데이터시트(PDF) 2 Page - Socay Electornics Co., Ltd.

부품명 UN2K8-600
상세설명  Switching Spark Gap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOCAY [Socay Electornics Co., Ltd.]
홈페이지  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2K8-600 데이터시트(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN2K8-600 Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2K8-600 Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2K8-600 Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2K8-600 Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2K8-600 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Switching Spark Gap
Revision October 18, 2013
2 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2K8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Axial Leaded Devices (UN2K8-XXXL)
Surface Mount Devices (UN2K8-XXXSMD)
Without wire Devices (UN2K8-XXX)
Part Number
UN2K8-230L
UN2K8-230
UN2K8-230SMD
UN2K8-300L
UN2K8-300
UN2K8-300SMD
UN2K8-350L-1
UN2K8-350-1
UN2K8-350SMD-1
UN2K8-350L
UN2K8-350
UN2K8-350SMD
UN2K8-350L-2
UN2K8-350-2
UN2K8-350SMD-2
UN2K8-400L
UN2K8-400
UN2K8-400SMD
Nominal breakdown voltage
230V
300V
320V
350V
370V
400V
Initial values
2)
Static breakdown voltage
1)
First ignition value after 24
hours in darkness
Following ignition values
≤260V
195~240V
≤340V
260~310V
≤360V
275~330V
≤400V
300~365V
≤420V
325~385V
≤450V
340~420V
Electrical life
3)
Breakdown voltage
After life test first ignition value
after 24 hours in darkness
Following ignition values
≤270V
195~265V
≤360V
260~330V
≤380V
275~350V
≤430V
300~385V
≤450V
325~405V
≤480V
340~440V
Switching operations
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
Life test Circuit
Open Circuit Voltage
V0
Loading Resistance
R
Discharge Capacitance
C
Inductance
L
Discharge Peak Current
IP
230VAC
15K
Ω
2.2
μF
10
μH
~300A
350V
10K
Ω
680nF
0.5
μH
~500A
400V
10K
Ω
680nF
0.5
μH
~500A
450V
10K
Ω
680nF
0.5
μH
~500A
450V
10K
Ω
680nF
0.5
μH
~500A
500V
10K
Ω
680nF
0.5
μH
~500A
Maximum switching frequency
100Hz
100Hz
100Hz
100Hz
100Hz
100Hz
Dimensions
Unit: mm
Electrical Specifications
Recommended pad outline



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com