전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

90SMO 데이터시트(PDF) 1 Page - Wolfgang Knap

부품명 90SMO
상세설명  Crystal Clock Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WK [Wolfgang Knap]
홈페이지  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

90SMO 데이터시트(HTML) 1 Page - Wolfgang Knap

  90SMO Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic
Press-fit (3x9mm built-in)
42 alloy
SnPb (Pb : 1mg max)
Compliant
90SMO
89
90SMO (+3.3V or +5V FIXED MODELS)
STANDARD SMD CLOCK OSCILLATORS
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
Outer package
Sealing
Terminal lead frame
Terminal plating
RoHS
Item
Specifications
90SMO
1.000 MHz to 70.000 MHz
90SMO(3.3VC) : ±100 ppm
90SMO(CE) : ±100 ppm
90SMO(3.3VD) : ±50 ppm
90SMO(CD) : ±50 ppm
-10˚C to +70˚C (Standard)
-40˚C to +85˚C(W)
+3.3V DC ±10%
+5V DC ±10%
VIH : +2.0V min. (1 MHz to 30 MHz)
VIH : +2.0V min.
VIL : +0.8V max. (1 MHz to 30 MHz)
VIL : +0.8V max.
VIH : +2.4V min. (30 MHz to 70 MHz)
VIL : +0.6V max. (30 MHz to 70 MHz)
-0.5V to +7.0V DC
-55˚C to +125˚C
9 mA max. (1 MHz to 30 MHz)
23 mA max. (1 MHz to 30 MHz)
20 mA max. (30 MHz to 70 MHz)
35 mA max. (30 MHz to 70 MHz)
40% to 60% at 50%VDD level
6 ns max. (20%VDD to 80%VDD level)
8 ns max. (10%VDD to 90%VDD level)
VOL : 10%VDD max.
VOL : 0.4V max.
VOH : 90%VDD min.
VOH : 90%VDD min.
30 pF max. (CMOS)
50 pF max. (CMOS)
100 ns max.
5 mA max. (1 MHz to 30 MHz)
12 mA max. (1 MHz to 30 MHz)
15 mA max. (30 MHz to 70 MHz)
28 mA max. (30 MHz to 70 MHz)
10 ms max.
±5 ppm max. at +25˚C ±3˚C for first year
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (preheating)
Generic part number
Frequency range
Frequency stability
(-10˚C to +70˚C)
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
OE control voltage (Pin#1)
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current (+25˚C)
Output (-10˚C to +70˚C)
Symmetry
Rise and fall times
"0" level
"1" level
Load
Enable / Disable delay time
Disable current
Startup time
Aging
Reflow condition
Crystal Clock Oscillators
14.0max.
0.51
5.08
#1
#2
#4
#3
#4
#3
#1
#2
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
90SMO
90SMO
(※1) Final exact part number to be determined with frequency, frequency stability and input voltage.
e.g. 90SMO(3.3VD) 25.000 MHz.
TF
T
t
90% or 80% VDD
10% or 20% VDD
OV DC
Symmetry=t/T×100(%)
50% VDD
TR
GND
VOH ("1"Level)
VOL ("0"Level)
VDD
OUTPUT WAVEFORM
V
DC Power
Supply
CL : including fixture and probe capacitance.
VDD
VDD
CL
Test Point
#2
#3
OUTPUT
TRI-STATE
GND
#1
#4
A
TEST CIRCUIT
1.27
3.81
1.27
5.08
0.01μF
0.1μF
SOLDERING PATTERN
A
14.3 10.1 24.0 11.5 12.0 1.6 0.4 5.0
330
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size
90SMO (+3.3V or +5V FIXED MODELS)
STANDARD SMD CLOCK OSCILLATORS


유사한 부품 번호 - 90SMO

제조업체부품명데이터시트상세설명
logo
Formosa MS
90SMO FORMOSA-90SMO Datasheet
119Kb / 1P
Crystal Clock Oscillators (3.3V or 5.0V FIXED MODELS)
More results

유사한 설명 - 90SMO

제조업체부품명데이터시트상세설명
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com