전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMPWR130 데이터시트(PDF) 3 Page - California Micro Devices Corp

부품명 CMPWR130
상세설명  300mA SMARTOR Regulator with V Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALMIRCO [California Micro Devices Corp]
홈페이지  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR130 데이터시트(HTML) 3 Page - California Micro Devices Corp

  CMPWR130 Datasheet HTML 1Page - California Micro Devices Corp CMPWR130 Datasheet HTML 2Page - California Micro Devices Corp CMPWR130 Datasheet HTML 3Page - California Micro Devices Corp CMPWR130 Datasheet HTML 4Page - California Micro Devices Corp CMPWR130 Datasheet HTML 5Page - California Micro Devices Corp CMPWR130 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/5/2001
3
215 Topaz Street, Milpitas, California 95035

Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR130
CALIFORNIA MICRO DEVICES
© 2001 California Micro Devices Corp. All rights reserved. SmartOR™ is a trademark of California Micro Devices Corp
Interface Signals
V
CC is the power source for the internal regulator and is
monitored continuously by an internal controller circuit.
Whenever V
CC exceeds VCCSEL (4.30V TYP), the internal
regulator (300mA MAX) will be enabled and deliver a
fixed 3.3V at V
OUT. When VCC falls below VCCDES (4.10V
TYP) the regulator will be disabled.
Internal loading on this pin is typically 0.6mA when the
regulator is enabled, which reduces to 0.2mA whenever
the regulator is disabled. If V
CC falls below the voltage on
the V
OUT pin the VCC loading will further reduce to only a
few microamperes.
During a V
CC power up sequence, there will be an
effective step increase in V
CC line current when the
regulator is enabled. The amplitude of this step increase
will depend on the DC load current and any necessary
current required for charging/discharging the load
capacitance. This line current transient will cause a
voltage disturbance at the V
CC pin. The magnitude of the
disturbance will be directly proportional to the effective
power supply source impedance being delivered to the
V
CC input.
To prevent chatter during Select and Deselect transi-
tions, a built-in hysteresis voltage of 200mV has been
incorporated. It is recommended that the power supply
connected to the V
CC input should have a source resis-
tance of less than 0.25
Ω to minimize the event of chatter
during the enabling/disabling of the regulator.
An input filter capacitor in close proximity to the V
CC pin
will reduce the effective source impedance and help
minimize any disturbances. If the V
CC pin is within a few
inches of the main input filter, a capacitor may not be
necessary. Otherwise an input filter capacitor in the
range of 1µF to 10µF will ensure adequate filtering.
GND is the negative reference for all voltages. This
current that flows in the ground connection is very low
(TYP 550µA) and has minimal variation over all load
conditions.
V
OUT is the regulator output voltage connection used to
power the load. An output capacitor of 4.7µF is used to
provide the necessary phase compensation, thereby
preventing oscillation. The capacitor also helps to
minimize the peak output disturbance during power
supply changeover.
When V
CC falls below VOUT, then VOUT will be used to
provide the necessary quiescent current for the internal
reference circuits. This ensures excellent start-up
characteristics for the regulator.
DRIVE is an active LOW logic output intended to be
used as the control signal for driving an external PFET
whenever the regulator is disabled. This will allow the
voltage at V
OUT to be powered from an auxiliary supply
voltage (3.3V).
The Drive pin is pulled HIGH to V
CC whenever the
regulator is enabled, this ensures the auxiliary remains
isolated during normal regulator operation.
The output current sinking ability of this logic signal is
equivalent to a 100W resistor. The current sourcing
ability is equivalent to a 4k
Ω resistor.
NC pins are electrically isolated from the internal
circuitry. These pins can be connected to any external
voltage level without impacting the device functionality.
PIN FUNCTIONS
Pin
Symbol
Description
1
VCC
Positive (5V) supply input for regulator. (VCC > VCCSEL)
6, 7
VOUT
Continuous output voltage (3.3V) is derived from either the internal regulator or low impedance
switch connected to the auxiliary supply input.
8
DRIVE
Output drive signal to control external MOSFET switch
4
GND
Negative reference for all voltages
2, 3, 5
NC
Unconnected pin which is electrically isolated from internal circuitry.
VOUT
3.3V
300mA
VREF
3.3V
+
–
VCC
+
–
VDESELECT
4.1V
GND
DRIVE
ENABLE
Simplified Electrical Schematic



Html Pages

1 2 3 4 5 6