전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMPWR150 데이터시트(PDF) 4 Page - California Micro Devices Corp

부품명 CMPWR150
상세설명  500mA/3.3V SMARTOR Power Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALMIRCO [California Micro Devices Corp]
홈페이지  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR150 데이터시트(HTML) 4 Page - California Micro Devices Corp

  CMPWR150 Datasheet HTML 1Page - California Micro Devices Corp CMPWR150 Datasheet HTML 2Page - California Micro Devices Corp CMPWR150 Datasheet HTML 3Page - California Micro Devices Corp CMPWR150 Datasheet HTML 4Page - California Micro Devices Corp CMPWR150 Datasheet HTML 5Page - California Micro Devices Corp CMPWR150 Datasheet HTML 6Page - California Micro Devices Corp CMPWR150 Datasheet HTML 7Page - California Micro Devices Corp CMPWR150 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©1999 California Micro Devices Corp. All rights reserved.
9/99
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4
CMPWR150
CALIFORNIA MICRO DEVICES
Typical DC Characteristics
Unless stated otherwise, all DC characteristics were
measured at room temperature with a nominal V
CC supply
voltage of 5.0 volts and an output capacitance of 10µF.
The external PMOS switch was present and resistive load
conditions were used.
The test data shown here was obtained from engineering
samples. The device was modified to allow the regulator
to function below the dropout threshold for the purpose
of obtaining test data. During normal operation,
production parts will shutdown the regulator below a
4.1V supply.
Dropout Characteristics of the regulator are shown in
Figure 1. At maximum rated load conditions (500mA), a
100mV drop in regulation occurs when the line voltage
collapses below 4.1V. For light load conditions (50mA),
regulation is maintained for line voltages as low as 3.5V.
In normal operation, the regulator is deselected at 4.1V,
which ensures a regulation output droop of less than
100mV is maintained.
Figure 1. Dropout Characteristics.
Load Regulation performance is shown from zero to
maximum rated load in Figure 2. A change in load from
10% to 100% of rated, results in an output voltage change
of less than 75mV. This translates into an effective output
impedance of approximately 0.15Ω.
Ground Current is shown across the entire range of
load conditions in Figure 3. The ground current has
minimal variation across the range of load conditions and
shows only a slight increase at maximum load. This slight
increase at rated load is due to the current limit protection
circuitry becoming active.
Figure 2. Load Regulation.
Figure 3. Ground Current.



Html Pages

1 2 3 4 5 6 7 8