전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESMG100ESS153MP30S 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 ESMG100ESS153MP30S
상세설명  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ESMG100ESS153MP30S 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  ESMG100ESS153MP30S Datasheet HTML 1Page - List of Unclassifed Manufacturers ESMG100ESS153MP30S Datasheet HTML 2Page - List of Unclassifed Manufacturers ESMG100ESS153MP30S Datasheet HTML 3Page - List of Unclassifed Manufacturers ESMG100ESS153MP30S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
CAT. No. E1001K
L'
15min.
4min.
Vent
(except F5)
L'
15min.
4min.
Vent
f5 to f18
]f20
Sleeve (PET : Black)
Sleeve (PET : Black)
?DIMENSIONS [mm]
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
20
1.0
10.0
22
1.0
10.0
FD+0.5max.
L+2.0max.
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
@Endurance : 2,000 hours at 85C
@Solvent resistant type except 315 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +85C(6.3 to 400Vdc)
-25 to +85C(450Vdc)
6.3 to 450Vdc
P20% (M)
6.3 to 100Vdc
160 to 450Vdc
[F18
I=0.03CV or 4MA, whichever is greater.
After 1minute
After 5minutes
CV[1,000 I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1,000 I=0.04CV+100 max.
I=0.02CV+25 max.
]F20
I=0.03CV
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
[F18
]F20
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
[F18
]F20
Z(-40C)/Z(+20C)
[F18
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2,000 hours
at 85C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 85C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 100Vdc
160 to 450Vdc
Capacitance change
[P20% of the initial value
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
[200% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
6.3V
0.34
0.28
10V
0.24
0.24
16V
0.20
0.20
25V
0.16
0.16
35V
0.14
0.14
50V
0.12
0.12
63V
0.09
0.09
100V
0.08
0.08
450V
0.24
0.20
160 to 250V
0.20
0.15
315 to 400V
0.24
0.15
6.3V
5
5
12
10V
4
4
10
16V
3
3
8
25V
2
2
5
35V
2
2
4
50V
2
2
3
63V
2
2
3
100V
2
2
3
450V
6
6
-
160 to 250V
3
4
4
315 to 400V
6
6
6
Time
CV
(at 20C, 120Hz)
(at 20C)
(at 20C after 3 minutes)
(at 20C, 120Hz)
(at 120Hz)
(at 20C after 1 minute)
?PART NUMBERING SYSTEM
SMG
Downsized
SMQ
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 1.0MF:1R0,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,100V:101,315V:3B1)
Series code
Category
E S M G A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide
(radial lead type)"
(1/4)


유사한 부품 번호 - ESMG100ESS153MP30S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
ESMG100ESS153MP30S NPC-ESMG100ESS153MP30S Datasheet
80Kb / 4P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - ESMG100ESS153MP30S

제조업체부품명데이터시트상세설명
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com