전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN54LS390J 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 SN54LS390J
상세설명  DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS390J 데이터시트(HTML) 5 Page - Motorola, Inc

  SN54LS390J Datasheet HTML 1Page - Motorola, Inc SN54LS390J Datasheet HTML 2Page - Motorola, Inc SN54LS390J Datasheet HTML 3Page - Motorola, Inc SN54LS390J Datasheet HTML 4Page - Motorola, Inc SN54LS390J Datasheet HTML 5Page - Motorola, Inc SN54LS390J Datasheet HTML 6Page - Motorola, Inc SN54LS390J Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-548
FAST AND LS TTL DATA
SN54/74LS390
• SN54/74LS393
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width
LS393
20
ns
VCC = 5.0 V
tW
CP0 Pulse Width
LS390
20
ns
VCC = 5.0 V
tW
CP1 Pulse Width
LS390
40
ns
VCC = 5.0 V
tW
MR Pulse Width
LS390/393
20
ns
CC = 5.0 V
trec
Recovery Time
LS390/393
25
ns
AC WAVEFORMS
*The number of Clock Pulses required between tPHL and tPLH measurements can be determined from the appropriate Truth Table.
*CP
Q
Q
MR & MS
CP
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPHL
tPLH
Figure 1
Figure 2
tW
tW
trec



Html Pages

1 2 3 4 5 6 7