전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFL2805SWES 데이터시트(PDF) 11 Page - International Rectifier

부품명 AFL2805SWES
상세설명  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AFL2805SWES 데이터시트(HTML) 11 Page - International Rectifier

Back Button AFL2805SWES Datasheet HTML 4Page - International Rectifier AFL2805SWES Datasheet HTML 5Page - International Rectifier AFL2805SWES Datasheet HTML 6Page - International Rectifier AFL2805SWES Datasheet HTML 7Page - International Rectifier AFL2805SWES Datasheet HTML 8Page - International Rectifier AFL2805SWES Datasheet HTML 9Page - International Rectifier AFL2805SWES Datasheet HTML 10Page - International Rectifier AFL2805SWES Datasheet HTML 11Page - International Rectifier AFL2805SWES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
AFL50XXS Series
Pin Designation
Standard Microcircuit Drawing Equivalence Table
Pin #
Designation
1
+ Input
2
Input Return
3
Case Ground
4
Enable 1
5
Sync Output
6
Sync Input
7
+ Output
8
Output Return
9
Return Sense
10
+ Sense
11
Share
12
Enable 2
Standard Microcircuit
IR Standard
Drawing Number
Part Number
5962-02557
AFL5005S
5962-02558
AFL5008S
5962-02559
AFL5009S
5962-02560
AFL5012S
5962-02561
AFL5015S
5962-02562
AFL5028S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12