전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LS377 데이터시트(PDF) 5 Page - Motorola, Inc

부품명 74LS377
상세설명  OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS377 데이터시트(HTML) 5 Page - Motorola, Inc

  74LS377 Datasheet HTML 1Page - Motorola, Inc 74LS377 Datasheet HTML 2Page - Motorola, Inc 74LS377 Datasheet HTML 3Page - Motorola, Inc 74LS377 Datasheet HTML 4Page - Motorola, Inc 74LS377 Datasheet HTML 5Page - Motorola, Inc 74LS377 Datasheet HTML 6Page - Motorola, Inc 74LS377 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-537
FAST AND LS TTL DATA
SN54/74LS377
• SN54/74LS378 • SN54/74LS379
TRUTH TABLE
E
CP
Dn
Qn
Qn
H
X
No
Change
No
Change
L
H
H
L
L
L
L
H
L = LOW Voltage Level
H = HIGH Voltage Level
X = Immaterial
AC WAVEFORMS
SN54 / 74LS377
SN54 / 74LS378
SN54 / 74LS379
1.3 V
*The shaded areas indicate when the input is permitted to change for predictable output performance.
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPLH
tPHL
E, D
Q
*
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
D OR E
Q
*
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1/fmax
tW
ts(H)
th(H)
ts(L)
th(L)
CP
tPHL
tPLH
E, D
Q
*
Figure 1. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data
or Enable to Clock
Figure 2. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data
or Enable to Clock
Figure 3. Clock to Output Delays Clock Pulse
Width, Frequency, Setup and Hold Times Data,
Enable to Clock



Html Pages

1 2 3 4 5 6 7